Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3401 Datasheet (PDF) - Rectron Semiconductor

RM3401 Datasheet PDF - Rectron Semiconductor
Part # RM3401
Download  RM3401 Download
File Size   165.34 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM3401 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM3401 Datasheet PDF - Rectron Semiconductor

Part # RM3401
Download  RM3401 Click to download

File Size   165.34 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM3401 Datasheet (HTML) - Rectron Semiconductor


RM3401 Product details

Description
The RM3401 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications.

General Features
VDS = -30V,ID = -4.2A
RDS(ON) < 130mΩ @ VGS=-2.5V
RDS(ON) < 75mΩ @ VGS=-4.5V
RDS(ON) < 55mΩ @ VGS=-10V
High power and current handing capability
Lead free product is acquired
Surface mount p

Application
PWM applications
Load switch
Power management
P/N suffix V means AEC-Q101 qualified, e.g:RM3401V
Halogen-free




Similar Part No. - RM3401

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM3401 RECTRON-RM3401 Datasheet
805Kb / 8P
P-Channel Enhancement Mode Power MOSFET
RM3401C RECTRON-RM3401C Datasheet
371Kb / 5P
P-Channel Enhancement Mode Mosfet
REV:O 2023-03/97
RM3401Y RECTRON-RM3401Y Datasheet
180Kb / 7P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - RM3401

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com