Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSLVDS1047 Datasheet (PDF) - Texas Instruments

DSLVDS1047 Datasheet PDF - Texas Instruments
Part # DSLVDS1047
Download  DSLVDS1047 Download
File Size   767.17 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DSLVDS1047 3.3-V LVDS Quad Channel High-Speed Differential Line Driver

DSLVDS1047 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSLVDS1047 Datasheet PDF - Texas Instruments

Part # DSLVDS1047
Download  DSLVDS1047 Click to download

File Size   767.17 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DSLVDS1047 3.3-V LVDS Quad Channel High-Speed Differential Line Driver

DSLVDS1047 Datasheet (HTML) - Texas Instruments


DSLVDS1047 Product details

1 Features
1• Designed for Signaling Rates up to 400-Mbps
• 3.3-V Power Supply Design
• 300-ps Typical Differential Skew
• 400-ps Maximum Differential Skew
• 1.7-ns Maximum Propagation Delay
• ±350-mV Differential Signaling
• Low Power Dissipation (13 mW at 3.3-V Static)
• Interoperable With Existing 5-V LVDS Receivers
• High impedance on LVDS Outputs on Power
Down
• Flow-Through Pinout Simplifies PCB Layout
• Meets or Exceeds TIA/EIA-644 LVDS Standard
• Industrial Operating Temperature Range
(−40°C to +85°C)
• Available in TSSOP Package

2 Applications
• Multifunction Printers
• Board-to-Board Communication
• Test and Measurement
• Printers
• Data Center Interconnect
• Lab Instrumentation
• Ultrasound Scanners

3 Description
The DSLVDS1047 device is a quad CMOS flowthrough
differential line driver designed for
applications requiring ultra-low power dissipation and
high data rates. The device is designed to support
data rates in excess of 400 Mbps (200 MHz) using
Low Voltage Differential Signaling (LVDS)
technology.
The DSLVDS1047 accepts low voltage TTL/CMOS
input levels and translates them to low voltage
(350 mV) differential output signals. In addition, the
driver supports a TRI-STATE function that may be
used to disable the output stage, disabling the load
current, and thus dropping the device to an ultra low
idle power state of 13 mW typical. The DSLVDS1047
has a flow-through pinout for easy PCB layout.
The EN and EN* inputs are ANDed together and
control the TRI-STATE outputs. The enables are
common to all four drivers. The and companion line
receiver (DSLVDS1048) provide a new alternative to
high power psuedo-ECL devices for high speed pointto-
point interface applications.




Similar Part No. - DSLVDS1047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSLVDS1047 TI1-DSLVDS1047 Datasheet
661Kb / 26P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1047 TI1-DSLVDS1047 Datasheet
1Mb / 29P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1047PWR TI1-DSLVDS1047PWR Datasheet
661Kb / 26P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1047PWR TI1-DSLVDS1047PWR Datasheet
1Mb / 29P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1047PWT TI1-DSLVDS1047PWT Datasheet
1Mb / 29P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
More results


Similar Description - DSLVDS1047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
DSLVDS1002 TI1-DSLVDS1002 Datasheet
643Kb / 26P
3.3-V LVDS Single Channel High Speed Differential Receiver
DSLVDS1001 TI1-DSLVDS1001_18 Datasheet
655Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
DSLVDS1047 TI1-DSLVDS1047 Datasheet
661Kb / 26P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
DSLVDS1047 TI1-DSLVDS1047_19 Datasheet
1Mb / 29P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com