Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337KTTR Datasheet (PDF) - Texas Instruments

LM337KTTR Datasheet PDF - Texas Instruments
Part # LM337KTTR
Download  LM337KTTR Download
File Size   737.78 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx37 3-Terminal Adjustable Regulators

LM337KTTR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM337KTTR Datasheet PDF - Texas Instruments

Part # LM337KTTR
Download  LM337KTTR Click to download

File Size   737.78 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx37 3-Terminal Adjustable Regulators

LM337KTTR Datasheet (HTML) - Texas Instruments


LM337KTTR Product details

1 Features
1• Output Voltage Range Adjustable From
–1.2 V to –37 V
• Output Current Capability of 1.5 A Max
• Input Regulation Typically 0.01% Per Input-
Voltage Change
• Output Regulation Typically 0.3%
• Peak Output Current Constant Over Temperature
Range of Regulator
• Ripple Rejection Typically 77 dB
• Direct Replacement for Industry-Standard LM237
and LM337

2 Applications
• Applications Requiring Negative Output Voltage or
Precision Current Regulation
• Consumer Electronics
• End Equipment
• Portable Applications

3 Description
The LM237 and LM337 are adjustable 3-terminal
negative-voltage regulators capable of supplying in
excess of –1.5 A over an output voltage range of –1.2
V to –37 V. They require only two external resistors
to set the output voltage and one output capacitor for
frequency compensation.




Similar Part No. - LM337KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337KTTR TI-LM337KTTR Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
LM337KTTRG3 TI-LM337KTTRG3 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
More results


Similar Description - LM337KTTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM237 TI-LM237 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
WS337L WINGS-WS337L Datasheet
113Kb / 1P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
LM237 TI-LM237_07 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Texas Instruments
LM237 TI-LM237_15 Datasheet
1Mb / 25P
LMx37 3-Terminal Adjustable Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com