Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5261B Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1N5261B Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1N5261B
Download  1N5261B Download
File Size   96.23 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5W Hermetically Sealed Glass Zener Diodes

1N5261B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5261B Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1N5261B
Download  1N5261B Click to download

File Size   96.23 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5W Hermetically Sealed Glass Zener Diodes

1N5261B Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


1N5261B Product details

FEATURES
- Zener voltage range 2.4 to 56 volts
- DO-35 package
- Through-hole device type mounting
- Hemetically sealed glass
- Compression bonded construction
- All extermal surfaces are corrosion resistant and leads are readily solderable
- ROHS complaint
- Solder hot dip Tin(Sn) lead finish
- Cathode indicated by polarity band
- Packing code with suffix "G" means Halogen-free




Similar Part No. - 1N5261B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5261B RECTRON-1N5261B Datasheet
21Kb / 2P
500mW 5% DO-35 ZENER DIODE
logo
Fairchild Semiconductor
1N5261B FAIRCHILD-1N5261B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5261B FAIRCHILD-1N5261B Datasheet
85Kb / 3P
Zeners
logo
Diodes Incorporated
1N5261B DIODES-1N5261B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Formosa MS
1N5261B FORMOSA-1N5261B Datasheet
94Kb / 3P
Zener diode
More results


Similar Description - 1N5261B

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
Hermetically Sealed Glass Package Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
0.5W Hermetically Sealed Glass Zener Diodes
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
Hermetically Sealed Glass Zener
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com