Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P2501BA Datasheet (PDF) - SONiX Technology Company

SN8P2501BA Datasheet PDF - SONiX Technology Company
Part # SN8P2501BA
Download  SN8P2501BA Download
File Size   1274.75 Kbytes
Page   107 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2501BA Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P2501BA Datasheet PDF - SONiX Technology Company

Part # SN8P2501BA
Download  SN8P2501BA Click to download

File Size   1274.75 Kbytes
Page   107 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2501BA Datasheet (HTML) - SONiX Technology Company


SN8P2501BA Product details

FEATURES
 Memory configuration  Three interrupt sources
OTP ROM size: 1K * 16 bits. One internal interrupts: T0, TC0.
RAM size: 48 * 8 bits. One external interrupts: INT0.
Four levels stack buffer
 Two 8-bit Timer/Counter
 I/O pin configuration T0: Basic Timer with 0.5sec RTC.
Bi-directional: P0, P1, P2, P5. TC0: Auto-reload timer/Counter/Buzzer output
Input only: P1.1.
Programmable open-drain: P1.0.  On chip watchdog timer and clock source is internal
Wakeup: P0, P1 level change trigger low clock RC type (16KHz @3V, 32KHz @5V).
Pull-up resisters: P0, P1, P2, P5.
External Interrupt trigger edge:  Dual system clocks
P0.0 controlled by PEDGE register. External high clock: RC type up to 10 MHz
External high clock: Crystal type up to 16 MHz
 3-Level LVD. Internal high clock: 16MHz RC type. Fcpu is limited to
Fosc/4~Fosc/16.
Reset system and power monitor. Internal low clock: RC type 16KHz(3V), 32KHz(5V)
 Powerful instructions  Operating modes
One clocks per instruction cycle (1T) Normal mode: Both high and low clock active
Most of instructions are one cycle only. Slow mode: Low clock only
All ROM area JMP instruction. Sleep mode: Both high and low clock stop
All ROM area CALL address instruction. Green mode: Periodical wakeup by T0 Timer
All ROM area lookup table function (MOVC)
 Package (Chip form support)
PDIP 14 pins
SOP 14 pins
SSOP 16 pins
MSOP 10 Pins
PDIP 8 pins
SOP 8 pins




Similar Part No. - SN8P2501BA

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2501 SONIX-SN8P2501 Datasheet
182Kb / 11P
8-Bit Micro Controller
2003/12/02
SN8P2501A SONIX-SN8P2501A Datasheet
453Kb / 69P
SONiX 8-Bit Micro-Controller
SN8P2501DSG SONIX-SN8P2501DSG Datasheet
182Kb / 11P
8-Bit Micro Controller
2003/12/02
More results


Similar Description - SN8P2501BA

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com