Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9070 Datasheet (PDF) - Texas Instruments

LM9070 Datasheet PDF - Texas Instruments
Part # LM9070
Download  LM9070 Download
File Size   716.71 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control

LM9070 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM9070 Datasheet PDF - Texas Instruments

Part # LM9070
Download  LM9070 Click to download

File Size   716.71 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control

LM9070 Datasheet (HTML) - Texas Instruments


LM9070 Product details

1FEATURES
2• Automotive Application Reliability
• 3% Output Voltage Tolerance
• Insensitive to Radiated RFI
• Dropout Voltage Less than 800 mV with 250
mA Output Current
• Externally Programmed Reset Delay Interval
• Keep-Alive Feature with 2 Logic Control Inputs
• 60V Load Dump Transient Protection
• Thermal Shutdown
• Short Circuit Protection and Disable Safety
Features
• Reverse Battery Protection
• Low OFF Quiescent Current, 50 μA Maximum
• Wide Operating Temperature Range −40°C to
+125°C
• TO-263 and 20-Pin Power Surface Mount
Packages
• Lead Form Compatible with TLE4267 TO-220
Regulator

DESCRIPTION
The LM9070 is a 5V, 3% accurate, 250 mA low-
dropout voltage regulator. The regulator features an
active low delayed reset output flag which can be
used to reset a microprocessor system on turn-ON
and in the event that the regulator output falls out of
regulation for any reason. An external capacitor
programs a delay time interval before the reset output
can return high.
Designed for automotive application the LM9070
contains a variety of protection features such as
reverse battery, over-voltage shutdown, thermal
shutdown, input transient protection and a wide
operating temperature range.
A unique two-input logic control scheme is used to
enable or disable the regulator output. An ON/OFF
input can be provided by an ignition switch derived
signal while a second, Keep-Alive input, is generated
by a system controller. This allows for a system to
remain ON after ignition has been switched OFF. The
system controller can then execute a power-down
routine and after which command the regulator OFF
to a low quiescent current state (60 μA max).
Design techniques have been employed to allow the
regulator to remain operational and not generate false
reset signals when subjected to high levels of RF
energy (300V/m from 2 MHz to 400 MHz).




Similar Part No. - LM9070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
logo
National Semiconductor ...
LM9070M NSC-LM9070M Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
LM9070S NSC-LM9070S Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070S/NOPB TI1-LM9070S/NOPB Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
More results


Similar Description - LM9070

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074 NSC-LM9074 Datasheet
193Kb / 9P
System Voltage Regulator with Keep-Alive ON/OFF
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Texas Instruments
LM9074EP TI1-LM9074EP Datasheet
318Kb / 14P
Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Texas Instruments
LM9074 TI1-LM9074 Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com