Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94021 Datasheet (PDF) - Texas Instruments

LM94021 Datasheet PDF - Texas Instruments
Part # LM94021
Download  LM94021 Download
File Size   737.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM94021/LM94021Q Multi-Gain Analog Temperature Sensor

LM94021 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM94021 Datasheet PDF - Texas Instruments

Part # LM94021
Download  LM94021 Click to download

File Size   737.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM94021/LM94021Q Multi-Gain Analog Temperature Sensor

LM94021 Datasheet (HTML) - Texas Instruments


LM94021 Product details

1FEATURES
2• LM94021Q is AEC-Q100 Grade 0 Qualified and
is Manufactured on an Automotive Grade Flow
• Low 1.5V Operation
• Four Selectable Gains
• Very Accurate Over Wide Temperature Range
of −50°C to +150°C
• Low Quiescent Current
• Output is Short-Circuit Protected
• Extremely Small SC70 Package to•
Footprint Compatible with the Industry-
Standard LM20 Temperature Sensor
• UL Recognized Component

APPLICATIONS
• Cell Phones
• Wireless Transceivers
• Battery Management
• Automotive
• Disk Drives
• Games
• Appliances

DESCRIPTION
The LM94021 is a precision analog output CMOS
integrated-circuit temperature sensor that operates at
a supply voltage as low as 1.5V. While operating over
the wide temperature range of −50°C to +150°C, the
LM94021 delivers an output voltage that is inversely
proportional to measured temperature. The
LM94021's low supply current makes it ideal for
battery-powered systems as well as general
temperature sensing applications.
Two logic inputs, Gain Select 1 (GS1) and Gain
Select 0 (GS0), select the gain of the temperature-to•
voltage output transfer function. Four slopes are
selectable: −5.5 mV/°C, −8.2 mV/°C, −10.9 mV/°C,
and −13.6 mV/°C. In the lowest gain configuration
(GS1 and GS0 both tied low), the LM94021 can
operate with a 1.5V supply while measuring
temperature over the full −50°C to +150°C operating
range. Tying both inputs high causes the transfer
function to have the largest gain of −13.6 mV/°C for
maximum temperature sensitivity. The gain-select
inputs can be tied directly to VDD or Ground without
any pull-up or pull-down resistors, reducing
component count and board area. These inputs can
also be driven by logic signals allowing the system to
optimize the gain during operation or system
diagnostics.




Similar Part No. - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
More results


Similar Description - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com