Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5575 Datasheet (PDF) - Texas Instruments

LM5575 Datasheet PDF - Texas Instruments
Part # LM5575
Download  LM5575 Download
File Size   732.82 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5575-Q1 75-V, 1.5-A Step-down Switching Regulator

LM5575 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5575 Datasheet PDF - Texas Instruments

Part # LM5575
Download  LM5575 Click to download

File Size   732.82 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5575-Q1 75-V, 1.5-A Step-down Switching Regulator

LM5575 Datasheet (HTML) - Texas Instruments


LM5575 Product details

1 Features
1• AEC-Q100-qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
operating temperature
– Device temperature grade 0: –40°C to +150°C
operating temperature
– Device HBM ESD classification level 2
• Integrated 75-V, 330-mΩ N-channel MOSFET
• Ultra-wide input-voltage from 6 V to 75 V
• Adjustable output voltage as low as 1.225 V
• 1.65% Feedback reference accuracy
• Operating frequency adjustable between 50 kHz
and 500 kHz with single resistor
• Master or slave frequency synchronization
• Adjustable soft start
• Emulated current-mode-control architecture
• Wide bandwidth error amplifier
• Built-in protection
• Create a custom design using the LM5575-Q1
with the WEBENCH® Power Designer

2 Applications
• Automotive
• Industrial

3 Description
The LM5575-Q1 is an easy-to-use buck regulator that
allows design engineers to design and optimize a
robust power supply using a minimum set of
components. Operating with an input voltage range of
6 V to 75 V, the LM5575-Q1 delivers 1.5 A of
continuous output current with an integrated 330-mΩ
N-channel MOSFET. The regulator utilizes an
emulated current mode architecture which provides
inherent line regulation, tight load-transient response,
and ease-of-loop compensation without the usual
limitation of low-duty cycles associated with current
mode regulators. The operating frequency is
adjustable from 50 kHz to 500 kHz to allow
optimization of size and efficiency. The LM5575-Q1
ensures robustness with cycle-by-cycle current limit,
short-circuit protection, thermal shutdown, and
remote shutdown. The device is available in a power
enhanced 16-pin HTSSOP package featuring an
exposed die attach pad for thermal dissipation. The
LM5575-Q1 is supported by the full suite of
WEBENCH® on-Line design tools. For AEC-Q100
grade 1 and grade 0 orderable numbers, see the
orderable addendum at the end of this data sheet.




Similar Part No. - LM5575

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI-LM5575 Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI-LM5575 Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results


Similar Description - LM5575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
logo
Texas Instruments
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com