Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0001 Datasheet (PDF) - Texas Instruments

LMH0001 Datasheet PDF - Texas Instruments
Part # LMH0001
Download  LMH0001 Download
File Size   332.02 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0001 SMPTE 259M / 344M Serial Digital Cable Driver

LMH0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0001 Datasheet PDF - Texas Instruments

Part # LMH0001
Download  LMH0001 Click to download

File Size   332.02 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0001 SMPTE 259M / 344M Serial Digital Cable Driver

LMH0001 Datasheet (HTML) - Texas Instruments


LMH0001 Product details

FEATURES
• SMPTE 259M and SMPTE 344M Compliant
• Data Rates to 540 Mbps
• Supports DVB-ASI at 270 Mbps
• Differential Input
• 75Ω Differential Output
• Adjustable Output Amplitude
• Single 3.3V Supply Operation
• Industrial Temperature Range: −40°C to +85°C
• 125mW Typical Power Consumption
• 16–pin WQFN Package
• Footprint Compatible with the LMH0002SQ and
the GS9078A.

APPLICATIONS
• SMPTE 259M and SMPTE 344M Serial Digital
Interfaces
• DVB-ASI Applications
• Sonet/SDH and ATM Interfaces
• Digital Routers and Switches
• Distribution Amplifiers
• Buffer Applications
• Set Top Boxes
• Security Cameras

DESCRIPTION
The LMH0001 SMPTE 259M / 344M Serial Digital
Cable Driver is designed for use in SMPTE 259M /
344M serial digital video applications. The LMH0001
drives 75Ω transmission lines (Belden 8281, Belden
1694A or equivalent) at data rates up to 540 Mbps.
The output voltage swing of the LMH0001 is
adjustable via a single external resistor.
The LMH0001 is powered from a single 3.3V supply.
Power consumption is typically 125mW. The
LMH0001 is available in a 16-pin WQFN package.




Similar Part No. - LMH0001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH0001 INTERSIL-LMH0001 Datasheet
194Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
December 5, 2007
logo
National Semiconductor ...
LMH0001 NSC-LMH0001 Datasheet
193Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0001 NSC-LMH0001 Datasheet
159Kb / 4P
Replacing the CLC001 Cable Driver with the LMH0001
logo
Texas Instruments
LMH0001 TI1-LMH0001 Datasheet
727Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0001 TI1-LMH0001 Datasheet
729Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
More results


Similar Description - LMH0001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Intersil Corporation
LMH0001 INTERSIL-LMH0001 Datasheet
194Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
December 5, 2007
logo
National Semiconductor ...
LMH0001 NSC-LMH0001_08 Datasheet
193Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0001 TI1-LMH0001_14 Datasheet
727Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0001 TI1-LMH0001 Datasheet
729Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com