Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4128AMF-3.3/NOPB.A Datasheet (PDF) - Texas Instruments

LM4128AMF-3.3/NOPB.A Datasheet PDF - Texas Instruments
Part # LM4128AMF-3.3/NOPB.A
Download  LM4128AMF-3.3/NOPB.A Download
File Size   756.68 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference

LM4128AMF-3.3/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4128AMF-3.3/NOPB.A Datasheet PDF - Texas Instruments

Part # LM4128AMF-3.3/NOPB.A
Download  LM4128AMF-3.3/NOPB.A Click to download

File Size   756.68 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference

LM4128AMF-3.3/NOPB.A Datasheet (HTML) - Texas Instruments


LM4128AMF-3.3/NOPB.A Product details

1FEATURES
2• Output Voltage Initial Accuracy 0.1%
• Low Temperature Coefficient 75 ppm/°C
• Low Supply Current, 60 μA
• Enable Pin Allowing a 3 μA Shutdown Mode
• Up to 20 mA Output Current
• Voltage Options 1.8V, 2.048V, 2.5V, 3.0V, 3.3V,
4.096V
• Custom Voltage Options Available (1.8V to
4.096V)
• VIN Range of VREF + 400 mV to 5.5V @10 mA
• Stable with Low ESR Ceramic Capacitors
• 5-Pin SOT-23 Package
• −40°C to 125°C Junction Temperature Range
• LM4128AQ/BQ/CQ/DQ are AEC-Q100 Grade 1
Qualified and are Manufactured on an
Automotive Grade Flow

APPLICATIONS
• Instrumentation & Process Control
• Test Equipment
• Data Acquisition Systems
• Base Stations
• Servo Systems
• Portable, Battery Powered Equipment
• Automotive & Industrial Electronics
• Precision Regulators
• Battery Chargers
• Communications
• Medical Equipment

DESCRIPTION
Ideal for space critical applications, the LM4128
precision voltage reference is available in the SOT-23
surface-mount package. The LM4128’s advanced
design eliminates the need for an external stabilizing
capacitor while ensuring stability with capacitive loads
up to 10 μF, thus making the LM4128 easy to use.
Series references provide lower power consumption
than shunt references, since they do not have to idle
the maximum possible load current under no load
conditions. This advantage, the low quiescent current
(60 μA), and the low dropout voltage (400 mV) make
the LM4128 ideal for battery-powered solutions.
The LM4128 is available in four grades (A, B, C, and
D) for greater flexibility. The best grade devices (A)
have an initial accuracy of 0.1% with ensured
temperature coefficient of 75 ppm/°C or less, while
the lowest grade parts (D) have an initial accuracy of
1.0% and a tempco of 100 ppm/°C.




Similar Part No. - LM4128AMF-3.3/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4128AMF-3.3/NOPB TI1-LM4128AMF-3.3/NOPB Datasheet
987Kb / 33P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
LM4128AMF-3.3/NOPB TI-LM4128AMF-3.3/NOPB Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
More results


Similar Description - LM4128AMF-3.3/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4128AMF-4 TI1-LM4128AMF-4 Datasheet
987Kb / 33P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com