Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80AVSNIG Datasheet (PDF) - Winbond

W25X80AVSNIG Datasheet PDF - Winbond
Part # W25X80AVSNIG
Download  W25X80AVSNIG Download
File Size   1354.95 Kbytes
Page   45 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25X80AVSNIG Datasheet (PDF)

Go To PDF Page Download Datasheet
W25X80AVSNIG Datasheet PDF - Winbond

Part # W25X80AVSNIG
Download  W25X80AVSNIG Click to download

File Size   1354.95 Kbytes
Page   45 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25X80AVSNIG Datasheet (HTML) - Winbond


W25X80AVSNIG Product details

GENERAL DESCRIPTION
The W25X10A (1M-bit), W25X20A (2M-bit), W25X40A (4M-bit) and W25X80A (8M-bit) Serial Flash
memories provide a storage solution for systems with limited space, pins and power. The 25X series
offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code
download applications as well as storing voice, text and data. The devices operate on a single 2.7V to
3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All
devices are offered in space-saving packages.
The W25X10A/20A/40A/80A array is organized into 512/1024/2048/4096 programmable pages of
256-bytes each. Up to 256 bytes can be programmed at a time using the Page Program instruction.
Pages can be erased in groups of 16 (sector erase), groups of 256 (block erase) or the entire chip
(chip erase). The W25X10A/20A/40A/80A has 32/64/128/256 erasable sectors and 2/4/8/16 erasable
blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data
and parameter storage. (See figure 2.)
The W25X10A/20A/40A/80A supports the standard Serial Peripheral Interface (SPI), and a high
performance dual output SPI using four pins: Serial Clock, Chip Select, Serial Data I/O and Serial
Data Out. SPI clock frequencies of up to 100MHz are supported allowing equivalent clock rates of
200MHz when using the Fast Read Dual Output instruction. These transfer rates are comparable to
those of 8 and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control
features, provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer and device identification.

FEATURES
 Family of Serial Flash Memories
– W25X10A: 1M-bit / 128K-byte (131,072)
– W25X20A: 2M-bit / 256K-byte (262,144)
– W25X40A: 4M-bit / 512K-byte (524,288)
– W25X80A: 8M-bit / 1M-byte (1,048,576)
– 256-bytes per programmable page
– Uniform 4K-byte Sectors / 64K-byte Blocks
 SPI with Single or Dual Outputs
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
 Data Transfer up to 200M-bits / second
– Clock operation to 100MHz
– Fast Read Dual Output instruction
– Auto-increment Read capability
 Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
 Flexible Architecture with 4KB sectors
– Sector Erase (4K-bytes)
– Block Erase (64K-byte)
– Page program up to 256 bytes <2ms
– More than 100,000 erase/write cycles
– More than 20-year data retention
 Low Power Consumption, Wide
Temperature Range
– Single 2.7 to 3.6V supply
– 5mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
 Space Efficient Packaging
– 8-pin SOIC 150-mil(1)
– 8-pin SOIC 208-mil (W25X40A/80A)
– 8-pin PDIP 300-mil
– 8-pad WSON 6x5-mm




Similar Part No. - W25X80AVSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X80AVSNIG WINBOND-W25X80AVSNIG Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X80AVSNIG WINBOND-W25X80AVSNIG Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Similar Description - W25X80AVSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com