Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00725 Datasheet (PDF) - Texas Instruments

LMK00725 Datasheet PDF - Texas Instruments
Part # LMK00725
Download  LMK00725 Download
File Size   662.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer

LMK00725 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK00725 Datasheet PDF - Texas Instruments

Part # LMK00725
Download  LMK00725 Click to download

File Size   662.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer

LMK00725 Datasheet (HTML) - Texas Instruments


LMK00725 Product details

1FEATURES
• Five 3.3V Differential LVPECL Outputs
– Additive Jitter: 43 fs RMS (typ) @ 312.5
MHz
– Noise Floor (≥1 MHz offset): -158 dBc/Hz
(typ) @ 312.5 MHz
– Output Frequency: 650 MHz (max)
– Output Skew: 35 ps (max)
– Part-to-Part Skew: 100 ps (max)
– Propagation Delay: 0.37 ns (max)
• Two Differential Input Pairs (pin-selectable)
– CLKx, nCLK Input Pairs can accept
LVPECL, LVDS, HCSL, SSTL, LVHSTL, or
Single-Ended Signals
• Synchronous Clock Enable
• Power Supply: 3.3V ± 5%
• Package: 20-Lead TSSOP
• Industrial Temperature Range: -40ºC to +85ºC

APPLICATIONS
• Wireless and Wired Infrastructure
• Networking and Data Communications
• Servers and Computing
• Medical Imaging
• Portable Test and Measurement
• High-End A/V

DESCRIPTION
The LMK00725 is a low skew, high-performance
clock fanout buffer which can distribute up to five 3.3V LVPECL outputs from one of two inputs, which
can accept differential or single-ended inputs. The
clock enable input is synchronized internally to
eliminate runt or glitch pulses on the outputs when
the clock enable pin is asserted or de-asserted. The
low additive jitter and phase noise floor and ensured output and part-to-part skew characteristics make the
LMK00725 ideal for applications demanding high
performance and repeatability.




Similar Part No. - LMK00725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
LMK00725PW TI1-LMK00725PW Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
LMK00725PWR TI1-LMK00725PWR Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
More results


Similar Description - LMK00725

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
logo
Integrated Device Techn...
85304AG-01LFT IDT-85304AG-01LFT Datasheet
197Kb / 15P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
85304-01 RENESAS-85304-01 Datasheet
593Kb / 16P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
December 2, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com