Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05030080001 Datasheet (PDF) - Wera Tools

05030080001 Datasheet PDF - Wera Tools
Part # 05030080001
Download  05030080001 Download
File Size   436.35 Kbytes
Page   3 Pages
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools
Description 1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm

05030080001 Datasheet (PDF)

Go To PDF Page Download Datasheet
05030080001 Datasheet PDF - Wera Tools

Part # 05030080001
Download  05030080001 Click to download

File Size   436.35 Kbytes
Page   3 Pages
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools
Description 1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm

05030080001 Datasheet (HTML) - Wera Tools


05030080001 Product details

Screwdriver for Microstix® screws
ESD-safe tool thanks to surface resistance of < 10^9 Ohm
Hexagonal anti-roll feature against rolling away
The Wera Black Point tip offers an exact fit and optimum corrosion protection
Ergonomic Kraftform handle for pleasant and low-fatigue working




Similar Part No. - 05030080001

ManufacturerPart #DatasheetDescription
logo
Wera Tools
05030100001 WERA-05030100001 Datasheet
441Kb / 3P
1578 A Kraftform Micro screwdriver for slotted screws, 0.40 x 2.5 x 80 mm
02.08.2018
05030101001 WERA-05030101001 Datasheet
441Kb / 3P
1578 A Kraftform Micro screwdriver for slotted screws, 0.40 x 2.5 x 80 mm
02.08.2018
05030102001 WERA-05030102001 Datasheet
441Kb / 3P
1578 A Kraftform Micro screwdriver for slotted screws, 0.40 x 2.5 x 80 mm
02.08.2018
05030103001 WERA-05030103001 Datasheet
441Kb / 3P
1578 A Kraftform Micro screwdriver for slotted screws, 0.40 x 2.5 x 80 mm
02.08.2018
05030104001 WERA-05030104001 Datasheet
441Kb / 3P
1578 A Kraftform Micro screwdriver for slotted screws, 0.40 x 2.5 x 80 mm
02.08.2018
More results


Similar Description - 05030080001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70011 ETC2-70011 Datasheet
146Kb / 1P
M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
2035 Screwdriver for slotted screws
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
40 x 40 mm (1600mm2)
logo
PHOENIX CONTACT
SF-THEX-2-100 PHOENIX-SF-THEX-2-100 Datasheet
44Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 2 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-3-100 PHOENIX-SF-THEX-3-100 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 3 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-4-150 PHOENIX-SF-THEX-4-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-5-150 PHOENIX-SF-THEX-5-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 5 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-8-200 PHOENIX-SF-THEX-8-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-10-200 PHOENIX-SF-THEX-10-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 10 x 200 mm, ergonomically shaped handle, matt chrome-plated
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com