Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87725-Q1 Datasheet (PDF) - Texas Instruments

LP87725-Q1 Datasheet PDF - Texas Instruments
Part # LP87725-Q1
Download  LP87725-Q1 Download
File Size   540.55 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8772x-Q1 Three Buck Converters, One Linear Regulator and One Load Switch for mmWave Radar Sensors

LP87725-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP87725-Q1 Datasheet PDF - Texas Instruments

Part # LP87725-Q1
Download  LP87725-Q1 Click to download

File Size   540.55 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8772x-Q1 Three Buck Converters, One Linear Regulator and One Load Switch for mmWave Radar Sensors

LP87725-Q1 Datasheet (HTML) - Texas Instruments


LP87725-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional safety-compliant device
– Developed for functional safety applications
– Documentation to aid ISO 26262 functional
safety system design up to ASIL-B
– BUCK, LDO and load switch output and
Input supply overvoltage and undervoltage
monitoring
– Q&A Watchdog
– Level or PWM error signal monitor (ESM)
– ABIST and CRC
• Input voltage: 3.3 V nominal (3 V to 4 V range)
• 3 high-efficiency, low noise, high frequency stepdown
DC/DC converters:
– Output voltage: 0.8 V, 0.82 V, 0.9 V to 1.9 V
with 20 mV output voltage step
– Maximum output current: 3.5 A
– Switching frequency: 4.4 MHz, 8.8 MHz, and
17.6 MHz
• 600 mA linear regulator with bypass load switch
mode (LDO_LS1)
– Input voltage, LDO mode: 1.2 V to 4 V
– Output voltage: 0.6 V to 3.4 V with 50 mV
output voltage step
– Input voltage, bypass load switch mode: 1.6 V
to 3.4 V
• 400 mA load switch (LS2)
– Input voltage range: 1.6 V to 3.6 V
– On resistance 3.3-V input, 200 mA: 75 mΩ -typ
• Output short-circuit and overload protection
• Regulator output dynamic voltage scaling (DVS)
through I2C interface
• Input overvoltage protection (OVP) and
undervoltage lockout (UVLO)
• Two general purpose voltage monitors shared with
LDO_LS1 and LS2 output
• Overtemperature warning and protection
• I2C interface supporting standard, fast mode, fastmode+
and optional I2C address selection

2 Applications
• Satellite radar
• Short and medium range corner radar
• Ultra-short range radar
• Long range front radar
• Low ripple, low noise applications

3 Description
The LP8772x-Q1 device is designed to meet the
power management requirements of the AWR, IWR,
and other MMICs in various automotive and industrial
radar applications. The device has three step-down
DC/DC converters, a LDO regulator, and a load
switch. The LDO is powered externally and intended
for supplying Ethernet device or any other device in
the system. The load switch is intended to cut off the
3.3 V IO supply during the sensor sleep mode. The
device is controlled by I2C communication interface
and by enable signals.
The low noise step-down DC/DC converters support
factory programmed switching frequency of 17.6 MHz
or 8.8 MHz or 4.4 MHz. High switching frequency
and low noise across wide frequency range, enables
LDO-free power solution which helps to reduce the
solution cost and improve thermal performance. The
switching clock is forced to PWM mode for excellent
RF performance and can also be synchronized to
an external clock. The LP8772x-Q1 device supports
remote voltage sensing to compensate IR drop
between the regulator output and the point-of-load
(POL) which improves the accuracy of the output
voltage.




Similar Part No. - LP87725-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87725-Q1 TI1-LP87725-Q1 Datasheet
573Kb / 9P
LP8772x-Q1 Three Buck Converters, One Linear Regulator and One Load Switch for mmWave Radar Sensors
DECEMBER 2023
More results


Similar Description - LP87725-Q1

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
PREMO CORPORATION S.L
FVRB PREMO-FVRB Datasheet
244Kb / 3P
Three Phase One Stage Filter for Regenerative Converters
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
logo
Monolithic Power System...
EV5403-QB-02A MPS-EV5403-QB-02A Datasheet
469Kb / 7P
High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
logo
Texas Instruments
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP87745-Q1 TI-LP87745-Q1_V01 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
logo
Renesas Technology Corp
RAA271082 RENESAS-RAA271082 Datasheet
1Mb / 76P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Jul 13, 2022
ISL78083 RENESAS-ISL78083 Datasheet
918Kb / 33P
Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Nov.15.19
logo
Texas Instruments
LP87745 TI1-LP87745 Datasheet
1Mb / 16P
LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com