Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1030 Datasheet (PDF) - Texas Instruments

LT1030 Datasheet PDF - Texas Instruments
Part # LT1030
Download  LT1030 Download
File Size   496.72 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE DRIVER

LT1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1030 Datasheet PDF - Texas Instruments

Part # LT1030
Download  LT1030 Click to download

File Size   496.72 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE DRIVER

LT1030 Datasheet (HTML) - Texas Instruments


LT1030 Product details

Low Supply Voltage . . . ±5 V to ±15 V
Supply Current . . . 500 mA Typical
Zero Supply Current When Shut Down
Outputs Can Be Driven ±30 V
Output Open When Off (3-State)
10-mA Output Drive
Outputs of Several Devices Can Be
Connected in Parallel
Meets or Exceeds the Requirements of
ANSI EIA/TIA-232-F Specifications
Designed to Be Interchangeable With
Linear Technology LT1030

description
The LT1030C is an EIA/TIA-232-F line driver that operates over a ±5-V to ±15-V supply-voltage range on low
supply current. The device can be shut down to zero supply current. Current limiting fully protects the outputs
from externally applied voltages of ±30 V. Since the output swings to within 200 mV of the positive supply and
to within 1 V of the negative supply, supply-voltage requirements are minimized.
A major advantage of the LT1030C is the high-impedance output state when the device is off or powered down.
This feature allows several different drivers on the same bus.
The device can be used as an EIA/TIA-232-F driver, micropower interface, or level translator, among others.
The LT1030C is characterized for operation from 0°C to 70°C.




Similar Part No. - LT1030

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
196Kb / 4P
Quad Low Power Line Driver
logo
Taiyo Yuden (U.S.A.), I...
LT10302R7106 TAIYO-YUDEN-LT10302R7106 Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[RSELT]
2021.11.26
LT10302R7106 TAIYO-YUDEN-LT10302R7106 Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor
2022.08.22
logo
Texas Instruments
LT1030C TI-LT1030C Datasheet
112Kb / 8P
QUADRUPLE LOW-POWER LINE DRIVER
More results


Similar Description - LT1030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1030C TI-LT1030C Datasheet
112Kb / 8P
QUADRUPLE LOW-POWER LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
QUADRUPLE LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
QUADRUPLE LINE DRIVER
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
LT1030C TI1-LT1030C_14 Datasheet
620Kb / 15P
QUADRUPLE LOW-POWER LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com