Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3227 Datasheet (PDF) - Texas Instruments

MAX3227 Datasheet PDF - Texas Instruments
Part # MAX3227
Download  MAX3227 Download
File Size   387.33 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION

MAX3227 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3227 Datasheet PDF - Texas Instruments

Part # MAX3227
Download  MAX3227 Click to download

File Size   387.33 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION

MAX3227 Datasheet (HTML) - Texas Instruments


MAX3227 Product details

FEATURES
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operates With 3-V to 5.5-V VCC Supply
Operates at Least 1 Mbit/s
Low Standby Current . . . 1 mA Typ
External Capacitors . . . 4 ´ 0.1 mF
Accepts 5-V Logic Input With 3.3-V Supply
Designed to Be Interchangeable With Maxim™
MAX3227
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection for RS-232 I/O Pins
– ±15 kV – Human-Body Model
– ±8 kV – IEC61000-4-2, Contact Discharge
– ±8 kV – IEC61000-4-2, Air-Gap Discharge
Auto-Powerdown Plus Feature Automatically
Disables Drivers for Power Savings
Packaged in Plastic Shrink Small-Outline
Package

APPLICATIONS
Battery-Powered, Hand-Held, and Portable
Equipment
PDAs and Palmtop PCs
Notebooks, Sub-Notebooks, and Laptops
Digital Cameras
Mobile Phones and Wireless Devices

DESCRIPTION/ORDERING INFORMATION
The MAX3227 consists of one line driver, one line receiver, and a dual charge-pump circuit with ±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. This device operates at data-signaling rates of 1 Mbit/s in normal operating mode and a maximum
of 30-V/ms driver output slew rate. This device also features a logic-level output (READY) that asserts when the
charge pump is regulating and the device is ready to begin transmitting.
The MAX3227 achieves a 1-mA supply current using the auto-powerdown plus feature. This device automatically
enters a low-power powerdown mode when the RS-232 cable is disconnected or the drivers of the connected
peripherals are inactive for more than 30 s. They turn on again when they sense a valid transition at any driver or
receiver input. Auto-powerdown saves power without changes to the existing BIOS or operating system.
The MAX3227C is characterized for operation from 0°C to 70°C. The MAX3227I is characterized for operation
from –40°C to 85°C.




Similar Part No. - MAX3227

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3227 MAXIM-MAX3227 Datasheet
235Kb / 20P
1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
logo
Texas Instruments
MAX3227 TI-MAX3227 Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3227 MAXIM-MAX3227 Datasheet
211Kb / 20P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
logo
Texas Instruments
MAX3227 TI1-MAX3227 Datasheet
354Kb / 16P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227C TI-MAX3227C Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
More results


Similar Description - MAX3227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3227 TI-MAX3227 Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3221 TI-MAX3221_10 Datasheet
392Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3221 TI-TRS3221 Datasheet
492Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221-EP TI1-MAX3221-EP Datasheet
360Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3221E TI1-TRS3221E_17 Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com