Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3238E Datasheet (PDF) - Texas Instruments

MAX3238E Datasheet PDF - Texas Instruments
Part # MAX3238E
Download  MAX3238E Download
File Size   535.69 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD (HBM) PROTECTION

MAX3238E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3238E Datasheet PDF - Texas Instruments

Part # MAX3238E
Download  MAX3238E Click to download

File Size   535.69 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD (HBM) PROTECTION

MAX3238E Datasheet (HTML) - Texas Instruments


MAX3238E Product details

FEATURES
RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operates With 3-V to 5.5-V VCC Supply
Operates up to 400 kbit/s
Five Drivers and Three Receivers
Auto-Powerdown Plus Feature Enables
Flexible Power-Down Mode
Low Standby Current . . . 1 mA Typical
External Capacitors . . . 4 ´ 0.1 mF
Accepts 5-V Logic Input With 3.3-V Supply
Always-Active Noninverting Receiver Output
(ROUT1B)
Alternative High-Speed Pin-Compatible
Device (1 Mbit/s) for SNx5C3238
ESD Protection for RS-232 Interface Pins
– ±15 kV – Human-Body Model (HBM)
– ±8 kV – IEC61000-4-2, Contact Discharge
– ±15 kV – IEC61000-4-2, Air-Gap Discharge

APPLICATIONS
Battery-Powered Systems
PDAs
Notebooks
Subnotebooks
Laptops
Palmtop PCs
Hand-Held Equipment
Modems
Printers

DESCRIPTION/ORDERING INFORMATION
The MAX3238E consists of five line drivers, three line receivers, and a dual charge-pump circuit with ±15-kV
ESD (HBM) protection on the driver output (DOUT) and receiver input (RIN) terminals. The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between notebook and subnotebook
computer applications. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. In addition, the device includes an always-active noninverting output (ROUT1B), which allows
applications using the ring indicator to transmit data while the device is powered down. This device operates at
data signaling rates up to 250 kbit/s and a maximum of 30-V/ms driver output slew rate.




Similar Part No. - MAX3238E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
logo
Texas Instruments
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238E TI1-MAX3238E Datasheet
899Kb / 22P
LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
logo
Maxim Integrated Produc...
MAX3238EAI MAXIM-MAX3238EAI Datasheet
112Kb / 12P
3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238EAI MAXIM-MAX3238EAI Datasheet
207Kb / 12P
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
More results


Similar Description - MAX3238E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com