Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3386E Datasheet (PDF) - Texas Instruments

MAX3386E Datasheet PDF - Texas Instruments
Part # MAX3386E
Download  MAX3386E Download
File Size   667.66 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE

MAX3386E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3386E Datasheet PDF - Texas Instruments

Part # MAX3386E
Download  MAX3386E Click to download

File Size   667.66 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE

MAX3386E Datasheet (HTML) - Texas Instruments


MAX3386E Product details

1FEATURES
• VL Pin for Compatibility With Mixed-Voltage
Systems Down to 2.5 V on Logic Side
• Enhanced ESD Protection on RIN Inputs and
DOUT Outputs
– ±15-kV Human-Body Model
– ±15-kV IEC 61000-4-2, Air-Gap Discharge
– ±8-kV IEC 61000-4-2, Contact Discharge
• Low 300-μA Supply Current
• Specified 250-kbps Data Rate
• 1-μA Low-Power Shutdown
• Meets EIA/TIA-232 Specifications Down
to 3 V

APPLICATIONS
• Hand-Held Equipment
• PDAs
• Cell Phones
• Battery-Powered Equipment
• Data Cables

DESCRIPTION/ORDERING INFORMATION
The MAX3386E is a three-driver and two-receiver RS-232 interface device, with split supply pins for mixed-signal
operations. All RS-232 inputs and outputs are protected to ±15 kV using the IEC 61000-4-2 Air-Gap Discharge
method, ±8 kV using the IEC 61000-4-2 Contact Discharge method, and ±15 kV using the Human-Body Model.
The charge pump requires only four small 0.1-μF capacitors for operation from a 3.3-V supply. The MAX3386E is
capable of running at data rates up to 250 kbps, while maintaining RS-232-compliant output levels.
The MAX3386E has a unique VL pin that allows operation in mixed-logic voltage systems. Both driver in (DIN)
and receiver out (ROUT) logic levels are pin programmable through the VL pin. The MAX3386E is available in a
space-saving thin shrink small-outline package (TSSOP).




Similar Part No. - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
logo
Texas Instruments
MAX3386E TI-MAX3386E Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDBR TI-MAX3386ECDBR Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDW TI-MAX3386ECDW Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDWG4 TI-MAX3386ECDWG4 Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results


Similar Description - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
logo
Texas Instruments
MAX3386E TI-MAX3386E_06 Datasheet
216Kb / 14P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
logo
Texas Instruments
TRS3386E TI-TRS3386E Datasheet
375Kb / 16P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E_09 Datasheet
388Kb / 16P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E_10 Datasheet
404Kb / 17P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E-EP TI1-TRS3253E-EP Datasheet
874Kb / 21P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com