Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990-Q1 Datasheet (PDF) - Texas Instruments

LP3990-Q1 Datasheet PDF - Texas Instruments
Part # LP3990-Q1
Download  LP3990-Q1 Download
File Size   724.91 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3990 150-mA Linear Voltage Regulator for Digital Applications

LP3990-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3990-Q1 Datasheet PDF - Texas Instruments

Part # LP3990-Q1
Download  LP3990-Q1 Click to download

File Size   724.91 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3990 150-mA Linear Voltage Regulator for Digital Applications

LP3990-Q1 Datasheet (HTML) - Texas Instruments


LP3990-Q1 Product details

1 Features
1• 1% Voltage Accuracy at Room Temperature
• Stable with Ceramic Capacitor
• Logic Controlled Enable
• No Noise Bypass Capacitor Required
• Thermal-Overload and Short-Circuit Protection
• Input Voltage Range, 2 V to 6 V
• Output Voltage Range, 0.8 V to 3.3 V
• Output Current, 150 mA
• Output Stable - Capacitors, 1 μF
• Virtually Zero IQ (Disabled), < 10 nA
• Very Low IQ (Enabled), 43 μA
• Low Output Noise, 150 μVRMS
• PSRR, 55 dB at 1 kHz
• Fast Start-Up, 105 μs

2 Applications
• Cellular Handsets
• Hand-Held Information Appliances

3 Description
The LP3990 regulator is designed to meet the
requirements of portable, battery-powered systems providing an accurate output voltage, low-noise, and
low-quiescent current. The LP3990 will provide a 0.8-
V output from the low input voltage of 2 V at up to a
150-mA load current. When switched into shutdown mode via a logic signal at the enable pin (EN), the
power consumption is reduced to virtually zero.
The LP3990 is designed to be stable with space-
saving ceramic capacitors with values as low as 1 μF.
Performance is specified for a –40°C to 125°C
junction temperature range.
For output voltages other than 0.8 V, 1.2 V, 1.35 V,
1.5 V, 1.8 V, 2.5 V, 2.8 V, or 3.3 V, please contact
the Texas Instruments sales office.




Similar Part No. - LP3990-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI2-LP3990-Q1 Datasheet
420Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
REVISED DECEMBER 2015
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
More results


Similar Description - LP3990-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com