Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25040B-GX Datasheet (PDF) - Cypress Semiconductor

FM25040B-GX Datasheet PDF - Cypress Semiconductor
Part # FM25040B-GX
Download  FM25040B-GX Download
File Size   686.76 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Kbit (512 × 8) Serial (SPI) F-RAM

FM25040B-GX Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25040B-GX Datasheet PDF - Cypress Semiconductor

Part # FM25040B-GX
Download  FM25040B-GX Click to download

File Size   686.76 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Kbit (512 × 8) Serial (SPI) F-RAM

FM25040B-GX Datasheet (HTML) - Cypress Semiconductor


FM25040B-GX Product details

Features
■ 4-Kbit ferroelectric random access memory (F-RAM) logically organized as 512 × 8
❐ High-endurance 100 trillion (1014) read/writes
❐ 151-year data retention (See the Data Retention and Endurance table)
❐ NoDelay™ writes
❐ Advanced high-reliability ferroelectric process
■ Very fast serial peripheral interface (SPI)
❐ Up to 20 MHz frequency
❐ Direct hardware replacement for serial flash and EEPROM
❐ Supports SPI mode 0 (0, 0) and mode 3 (1, 1)
■ Sophisticated write protection scheme
❐ Hardware protection using the Write Protect (WP) pin
❐ Software protection using Write Disable instruction
❐ Software block protection for 1/4, 1/2, or entire array
■ Low power consumption
❐ 250 ㎂ active current at 1 MHz
❐ 4 ㎂ (typ) standby current
■ Voltage operation: VDD = 4.5 V to 5.5 V
■ Industrial temperature: –40 ℃ to +85 ℃
■ 8-pin small outline integrated circuit (SOIC) package
■ Restriction of hazardous substances (RoHS) compliant

Functional Description
The FM25040B is a 4-Kbit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile and performs reads and writes similar to a RAM. It provides reliable data retention for 151 years while eliminating the complexities, overhead, and system level reliability problems caused by serial flash, EEPROM, and other nonvolatile memories.
Unlike serial flash and EEPROM, the FM25040B performs write operations at bus speed. No write delays are incurred. Data is written to the memory array immediately after each byte is successfully transferred to the device. The next bus cycle can commence without the need for data polling. In addition, the product offers substantial write endurance compared with other nonvolatile memories. The FM25040B is capable of supporting 1014 read/write cycles, or 100 million times more write cycles than EEPROM.
These capabilities make the FM25040B ideal for nonvolatile memory applications requiring frequent or rapid writes. Examples range from data collection, where the number of write cycles may be critical, to demanding industrial controls where the long write time of serial flash or EEPROM can cause data loss.
The FM25040B provides substantial benefits to users of serial EEPROM or flash as a hardware drop-in replacement. The FM25040B uses the high-speed SPI bus, which enhances the high-speed write capability of F-RAM technology. The device specifications are guaranteed over an industrial temperature range of –40 ℃ to +85 ℃.
For a complete list of related documentation, click here.




Similar Part No. - FM25040B-GX

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B-G RAMTRON-FM25040B-G Datasheet
313Kb / 13P
4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B-G CYPRESS-FM25040B-G Datasheet
449Kb / 13P
4Kb Serial 5V F-RAM Memory
FM25040B-G CYPRESS-FM25040B-G Datasheet
402Kb / 14P
4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
Automotive Temp. 4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040B-GTR RAMTRON-FM25040B-GTR Datasheet
313Kb / 13P
4Kb Serial 5V F-RAM Memory
More results


Similar Description - FM25040B-GX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
128-Kbit (16K 횞 8) Serial (SPI) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
256-Kbit (32K 횞 8) Serial (SPI) F-RAM
FM25V40 CYPRESS-FM25V40 Datasheet
851Kb / 23P
4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com