Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7186 Datasheet (PDF) - NTE Electronics

NTE7186 Datasheet PDF - NTE Electronics
Part # NTE7186
Download  NTE7186 Download
File Size   87.65 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit DMOS Audio Amplifier, 100W with Mute/Stand−By

NTE7186 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7186 Datasheet PDF - NTE Electronics

Part # NTE7186
Download  NTE7186 Click to download

File Size   87.65 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit DMOS Audio Amplifier, 100W with Mute/Stand−By

NTE7186 Datasheet (HTML) - NTE Electronics


NTE7186 Product details

Description:
The NTE7186 is a monolithic integrated circuit in a 15−Lead Staggered SIP type package, intended for use as audio class AB amplifier in Hi−Fi field applications (Home Stereo, self powered loudspeakers, Top class TV). Thanks to a wide voltage range and to the high out current capability it is able to supply the highest power into both 4Ω and 8Ω loads. The built in muting function with turn on delay simplifies the remote operation avoiding switching on−off noises.

Features:
● Very High Operating Voltage Range (±50V)
● DMOS Power Stage
● High Output Power (100W @ THD = 10%, RL = 8Ω, VS = ±40)
● Muting/Stand−By Functions
● No Switch ON/OFF Noise
● Very Low Distortion
● Very Low Noise
● Short Circuit Protection
● Thermal Shutdown
● Clip Detector




Similar Part No. - NTE7186

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE71 NTE-NTE71 Datasheet
22Kb / 2P
Silicon NPN Transistor High Current Amp, Fast Switch
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
Integrated Circuit AF Power Amplifier, 7W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
Integrated Circuit 50W to 80W Power Amplifier, Driver
More results


Similar Description - NTE7186

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Dec-1999
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com