Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2541 Datasheet (PDF) - Texas Instruments

OPA2541 Datasheet PDF - Texas Instruments
Part # OPA2541
Download  OPA2541 Download
File Size   234.05 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual High Power OPERATIONAL AMPLIFIER

OPA2541 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2541 Datasheet PDF - Texas Instruments

Part # OPA2541
Download  OPA2541 Click to download

File Size   234.05 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual High Power OPERATIONAL AMPLIFIER

OPA2541 Datasheet (HTML) - Texas Instruments


OPA2541 Product details

FEATURES
OUTPUT CURRENTS TO 5A
POWER SUPPLIES TO ±40V
FET INPUT
ELECTRICALLY ISOLATED CASE

APPLICATIONS
MOTOR DRIVER
SERVO AMPLIFIER
SYNCRO/RESOLVER EXCITATION
VOICE COIL DRIVER
BRIDGE AMPLIFIER
PROGRAMMABLE POWER SUPPLY
AUDIO AMPLIFIER

DESCRIPTION
The OPA2541 is a dual power operational amplifier
capable of operation from power supplies up to ±40V
and output currents of 5A continuous. With two monolithic
power amplifiers in a single package it provides
unequaled functional density.
The industry-standard 8-pin TO-3 package is isolated
from all internal circuitry allowing it to be mounted
directly to a heat sink without insulators which degrade
thermal performance. Internal circuitry limits
output current to approximately 6A.
The OPA2541 is available in both industrial and
military temperature range versions.




Similar Part No. - OPA2541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2541AM BURR-BROWN-OPA2541AM Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541AM TI1-OPA2541AM Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
OPA2541AM-BI TI1-OPA2541AM-BI Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
More results


Similar Description - OPA2541

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
Dual Power Operational Amplifier
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
Dual Power Operational Amplifier
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
Dual High Power OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com