Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA657 Datasheet (PDF) - Texas Instruments

OPA657 Datasheet PDF - Texas Instruments
Part # OPA657
Download  OPA657 Download
File Size   154.21 Kbytes
Page   4 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA657-DIE 1.6-GHz, Low-Noise, FET-Input Operational Amplifier

OPA657 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA657 Datasheet PDF - Texas Instruments

Part # OPA657
Download  OPA657 Click to download

File Size   154.21 Kbytes
Page   4 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA657-DIE 1.6-GHz, Low-Noise, FET-Input Operational Amplifier

OPA657 Datasheet (HTML) - Texas Instruments


OPA657 Product details

1 Features
1• High Gain Bandwidth Product: 1.6 GHz
• High Bandwidth 275 MHz (G = 10)
• Slew Rate 700 V/μs (G = 10, 1-V Step)
• Low-Input Offset Voltage: ±250 μV
• Low-Input Bias Current: 2 pA
• Low-Input Voltage Noise: 4.8 nV/√Hz
• High-Output Current: 70 mA
• Fast Overdrive Recovery

2 Applications
• Wideband Photodiode Amplifiers
• Wafer Scanning Equipment
• ADC Input Amplifiers
• Test and Measurement Front Ends
• High Gain Precision Amplifiers
• Optical Time Domain Reflectometry (OTDR)

3 Description
The OPA657 device combines a high gain-bandwidth,
low-distortion, voltage-feedback operational amplifier
with a low voltage noise JFET-input stage to offer a
very high dynamic range amplifier for high-precision
analog-to-digital converter (ADC) driving or wideband
transimpedance applications. Photodiode applications
achieve improved noise and bandwidth using this
decompensated, high gain-bandwidth amplifier.
Very low level signals can be significantly amplified in
a single OPA657 gain stage with exceptional
bandwidth and accuracy. The very low input bias
current and capacitance supports this performance
even for relatively high source impedance.
Broadband photodetector applications benefit from
the low voltage noise JFET inputs for the OPA657.
The JFET input contributes virtually no current noise,
which makes the device ideal for high-gain
photodiode applications.




Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results


Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA657-DIE TI1-OPA657-DIE Datasheet
94Kb / 5P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com