Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT3006 Datasheet (PDF) - Texas Instruments

OPT3006 Datasheet PDF - Texas Instruments
Part # OPT3006
Download  OPT3006 Download
File Size   643.65 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPT3006 Ultra-Thin Ambient Light Sensor

OPT3006 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT3006 Datasheet PDF - Texas Instruments

Part # OPT3006
Download  OPT3006 Click to download

File Size   643.65 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPT3006 Ultra-Thin Ambient Light Sensor

OPT3006 Datasheet (HTML) - Texas Instruments


OPT3006 Product details

1 Features
1• Precision Optical Filtering to Match Human Eye:
– Rejects > 99% (typ) of IR
• Automatic Full-Scale Setting Feature Simplifies
Software and Provides Optimal Configuration
• Measurements: 0.01 lux to 83k lux
• 23-Bit Effective Dynamic Range With
Automatic Gain Ranging
• 12 Binary-Weighted Full-Scale Range Settings:
< 0.2% (typ) Matching Between Ranges
• Low Operating Current: 1.8 μA (typ)
• Operating Temperature Range: –40°C to +85°C
• Wide Power-Supply Range: 1.6 V to 3.6 V
• 5.5-V Tolerant I/O
• Flexible Interrupt System
• Small-Form Factor:
– 0.856 mm x 0.946 mm x 0.226 mm PicoStar™
Package
• OPT3006 is Smaller Version of OPT3001

2 Applications
• Smart Watches
• Wearable Electronics
• Health Fitness Bands
• Display Backlight Controls
• Lighting Control Systems
• Tablet and Notebook Computers
• Cameras

3 Description
The OPT3006 is a single-chip lux meter, measuring
the intensity of visible light as seen by the human
eye. The OPT3006 is available in an ultra-small
PicoStar package, so the device fits into tiny spaces.
The precision spectral response of the sensor tightly
matches the photopic response of the human eye.
With strong infrared (IR) rejection, the OPT3006
accurately meters the intensity of light as seen by the
human eye, regardless of the light source. The strong
IR rejection also aids in maintaining high accuracy
when design requires mounting the sensor under
dark glass. The OPT3006, often in conjunction with
backlight ICs or lighting control systems, creates lightbased
experiences for humans, and is an ideal
replacement for photodiodes, photoresistors, or
lower-performing ambient light sensors.
Measurements can be made from 0.01 lux up to 83k
lux without manually selecting full-scale ranges by
using the built-in, full-scale setting feature. This
capability allows light measurement over a 23-bit
effective dynamic range.
The digital operation is flexible for system integration.
Measurements can be either continuous or singleshot.
The control and interrupt system features
autonomous operation, allowing the processor to
sleep while the sensor searches for appropriate
wake-up events to report with the interrupt pin. The
digital output is reported over an I2C- and SMBuscompatible,
two-wire serial interface.
The low power consumption and low power-supply
voltage capability of the OPT3006 enhance the
battery life of battery-powered systems.




Similar Part No. - OPT3006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3006 TI1-OPT3006 Datasheet
547Kb / 41P
OPT3006 Ultra-Thin Ambient Light Sensor
OPT3006 TI2-OPT3006 Datasheet
649Kb / 42P
OPT3006 Ultra-Thin Ambient Light Sensor
OCTOBER 2016
OPT3006YMFR TI1-OPT3006YMFR Datasheet
547Kb / 41P
OPT3006 Ultra-Thin Ambient Light Sensor
OPT3006YMFR TI2-OPT3006YMFR Datasheet
649Kb / 42P
OPT3006 Ultra-Thin Ambient Light Sensor
OCTOBER 2016
OPT3006YMFR.A TI2-OPT3006YMFR.A Datasheet
649Kb / 42P
OPT3006 Ultra-Thin Ambient Light Sensor
OCTOBER 2016
More results


Similar Description - OPT3006

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Texas Instruments
OPT3006 TI1-OPT3006 Datasheet
547Kb / 41P
OPT3006 Ultra-Thin Ambient Light Sensor
OPT3007 TI1-OPT3007 Datasheet
1Mb / 39P
OPT3007 Ultra-Thin Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com