Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA137N Datasheet (PDF) - Texas Instruments

OPA137N Datasheet PDF - Texas Instruments
Part # OPA137N
Download  OPA137N Download
File Size   345.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA137N Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA137N Datasheet PDF - Texas Instruments

Part # OPA137N
Download  OPA137N Click to download

File Size   345.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA137N Datasheet (HTML) - Texas Instruments


OPA137N Product details

FEATURES
FET INPUT: IB = 5pA
LOW OFFSET VOLTAGE: 1.5mV
WIDE SUPPLY RANGE: ±2.25V to ±18V
LOW QUIESCENT CURRENT: 220mA/channel
EXCELLENT SPEED/POWER: 1MHz
INPUT TO POSITIVE SUPPLY
MicroSIZE PACKAGES: SOT-23-5, MSOP-8
SINGLE, DUAL, AND QUAD

APPLICATIONS
STRAIN GAGE AMPLIFIER
PHOTODETECTOR AMPLIFIER
PRECISION INTEGRATOR
BATTERY-POWERED INSTRUMENTS
TEST EQUIPMENT
ACTIVE FILTERS

DESCRIPTION
OPA137 series FET-input operational amplifiers are designed
for low cost and miniature applications. In addition to small
size (SOT-23-5 and MSOP-8 packages), they provide low
input bias current (5pA), low quiescent currrent (220mA/
channel), and high open-loop gain (94dB).
Either single (+4.5V to +36V) or dual (±2.25 to ±18V)
supplies can be used. The input common-mode voltage range
includes the positive supply—suitable for many single-supply
applications. Single, dual, and quad versions have identical
specifications for maximum design flexibility.
OPA137 op amps are easy to use and free from phase
inversion and overload problems found in some FET-input
amplifiers. High performance, including linearity, is maintained
as the amplifiers swing to their specified limits. In
addition, the combination of high slew rate (3.5V/ms) and
wide bandwidth (1MHz) provide fast settling time assuring
good dynamic response. Dual and quad designs feature completely
independent circuitry for lowest crosstalk and freedom
from interaction.
The single (OPA137) packages are the tiny 5-lead SOT-23-5
surface mount, SO-8 surface mount, and 8-pin DIP. The dual
(OPA2137) comes in the miniature MSOP-8 surface mount,
SO-8 surface mount, and 8-pin DIP packages. The quad
(OPA4137) packages are the SO-14 surface mount and the
14-pin DIP. All are specified from –40°C to +85°C and operate
from –55°C to +125°C. A SPICE macromodel is available for
design analysis.




Similar Part No. - OPA137N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137N BURR-BROWN-OPA137N Datasheet
269Kb / 8P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137N BURR-BROWN-OPA137N Datasheet
198Kb / 9P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137N-3K TI1-OPA137N-3K Datasheet
787Kb / 15P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA137N/250 BURR-BROWN-OPA137N/250 Datasheet
198Kb / 9P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Similar Description - OPA137N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137 BURR-BROWN-OPA137 Datasheet
269Kb / 8P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137 BURR-BROWN-OPA4137 Datasheet
198Kb / 9P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137 TI1-OPA137 Datasheet
784Kb / 15P
LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com