Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1737 Datasheet (PDF) - Texas Instruments

PCM1737 Datasheet PDF - Texas Instruments
Part # PCM1737
Download  PCM1737 Download
File Size   349.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER

PCM1737 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1737 Datasheet PDF - Texas Instruments

Part # PCM1737
Download  PCM1737 Click to download

File Size   349.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER

PCM1737 Datasheet (HTML) - Texas Instruments


PCM1737 Product details

FEATURES
24-BIT RESOLUTION
ANALOG PERFORMANCE (VCC = +5V):
Dynamic Range: 106dB typ
SNR: 106dB typ
THD+N: 0.0015% typ
Full-Scale Output: 3.1Vp-p typ
4x/8x OVERSAMPLING DIGITAL FILTER:
Passband: 0.454fS
Stopband: 0.546fS
Stopband Attenuation: –82dB
Passband Ripple: ±0.002dB
SAMPLING FREQUENCY: 10kHz to 192kHz
SYSTEM CLOCK: 128, 192, 256, 384, 512, or
768fS with Auto Detect
ACCEPTS 16-, 18-, 20-, AND 24-BIT AUDIO DATA
DATA FORMATS: Standard, I2S, and Left-Justified
USER-PROGRAMMABLE MODE CONTROLS:
Digital Attenuation: 0dB to –63dB, 0.5dB/Step
Digital De-Emphasis
Digital Filter Roll-Off: Sharp or Slow
Soft Mute
Variable Oversampling for DS DACs
Zero Detect Mute
Zero Flags for Each Output
DUAL SUPPLY OPERATION:
+5V Analog, +3.3V Digital
5V TOLERANT DIGITAL INPUTS
SMALL SSOP-28 PACKAGE

APPLICATIONS
A/V RECEIVERS
DVD MOVIE AND AUDIO PLAYERS
DVD ADD-ON CARDS FOR HIGH-END PCs
HDTV RECEIVERS
CAR AUDIO SYSTEMS
OTHER APPLICATIONS REQUIRING 24-BIT
AUDIO

DESCRIPTION
The PCM1737 is a CMOS, monolithic, integrated
circuit which includes stereo digital-to-analog converters
and support circuitry in a small SSOP-28
package. The data converters utilize Burr-Brown’s
enhanced multi-level delta-sigma architecture, which
employs 4th-order noise shaping and 8-level amplitude
quantization to achieve excellent dynamic performance
and improved tolerance to clock jitter.
The PCM1737 accepts industry standard audio data
formats with 16- to 24-bit data, providing easy
interfacing to audio DSP and decoder chips. Sampling
rates up to 192kHz are supported. A full set
of user-programmable functions are accessible through
a 4-wire serial control port which supports register
write and read back functions.




Similar Part No. - PCM1737

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1737 TI1-PCM1737 Datasheet
408Kb / 32P
DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1737E BURR-BROWN-PCM1737E Datasheet
180Kb / 27P
24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1737E TI1-PCM1737E Datasheet
408Kb / 32P
DIGITAL-TO-ANALOG CONVERTER
PCM1737E/2K TI1-PCM1737E/2K Datasheet
408Kb / 32P
DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1737

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1608 TI-PCM1608 Datasheet
455Kb / 29P
24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com