Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E Datasheet (PDF) - Texas Instruments

PCM1738E Datasheet PDF - Texas Instruments
Part # PCM1738E
Download  PCM1738E Download
File Size   649.82 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter

PCM1738E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1738E Datasheet PDF - Texas Instruments

Part # PCM1738E
Download  PCM1738E Click to download

File Size   649.82 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter

PCM1738E Datasheet (HTML) - Texas Instruments


PCM1738E Product details

FEATURES
· 24-Bit Resolution
· Analog Performance (VCC = 5 V):
– Dynamic Range: 117 dB (typical)
– SNR: 117 dB (typical)
– THD+N: 0.0004% (typical)
– Full-Scale Output: 2.2 Vrms (at
Postamplifier)
· Differential Current Output: ±2.48 mA
· Sampling Frequency: 10 kHz to 200 kHz
· System Clock: 128, 192, 256, 384, 512, or 768
fS With Autodetect
· Accepts 16-, 20-, and 24-Bit Audio Data
· Data Formats: Standard, I2S, and Left-Justified
· 8´ Oversampling Digital Filter:
– Stop-Band Attenuation: –82 dB
– Pass-Band Ripple: ±0.002 dB
· Optional Interface to External Digital Filter
Available
· Optional Interface to DSD Decoder for SACD
Playback
· User-Programmable Mode Controls:
– Digital Attenuation: 0 dB to –120 dB, 0.5
dB/Step
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
– Soft Mute
– Zero-Detect Mute
– Zero Flags for Each Output
· Dual-Supply Operation:
– 5-V Analog, 3.3-V Digital
· 5-V Tolerant Digital Inputs
· Small SSOP-28 Package

APPLICATIONS
· AV Receivers
· DVD Movie Players
· SACD Players
· HDTV Receivers
· Car Audio Systems
· Digital Multitrack Recorders
· Other Multichannel Audio Systems

DESCRIPTION
The PCM1738 is a CMOS, monolithic, integrated
circuit (IC) that includes stereo digital-to-analog
converters (DACs) and support circuitry in a small
SSOP-28 package. The data converters use a newly
developed advanced segment DAC architecture to
achieve excellent dynamic performance and
improved tolerance to clock jitter. The PCM1738
provides balanced current outputs, allowing the user
to optimize analog performance externally, and
accepts industry-standard audio data formats with
16- to 24-bit data, providing easy interfacing to audio
DSP and decoder chips. Sampling rates up to 200
kHz are supported. The PCM1738 also has two
optional modes of operation: an external digital filter
mode (for use with the DF1704, DF1706, and
PMD200), and a DSD decoder interface for SACD
playback applications. A full set of
user-programmable functions is accessible through a
4-wire serial control port that supports register write
and read functions.




Similar Part No. - PCM1738E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1738E BURR-BROWN-PCM1738E Datasheet
2Mb / 33P
24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1738E TI1-PCM1738E Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1738E/2K TI1-PCM1738E/2K Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1738E2K BURR-BROWN-PCM1738E2K Datasheet
2Mb / 33P
24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1738EG4 TI1-PCM1738EG4 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
More results


Similar Description - PCM1738E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com