Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4201 Datasheet (PDF) - Texas Instruments

PCM4201 Datasheet PDF - Texas Instruments
Part # PCM4201
Download  PCM4201 Download
File Size   469.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter

PCM4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM4201 Datasheet PDF - Texas Instruments

Part # PCM4201
Download  PCM4201 Click to download

File Size   469.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter

PCM4201 Datasheet (HTML) - Texas Instruments


PCM4201 Product details

FEATURES
High Performance Delta-Sigma
Analog-to-Digital Converter
Differential Voltage Inputs
Dynamic Performance:
− Dynamic Range (A-Weighted): Up to
112dB
− THD+N: As low as −105dB
Three Sampling Modes:
− Supports Output Sampling Rates Up to
108kHz
− Choose from Low Power, High
Performance, or Double Speed Modes
Audio Serial Port Interface:
− Master or Slave Mode Operation
− 24-Bit Linear PCM Output Data
− Left-Justified/DSP-Compatible Data
Format
Digital High-Pass Filter for DC Removal:
− Includes a High-Pass Filter Disable Pin
Power Supplies:
− Requires a +5V Analog Power Supply
− Supports a +1.8V to +3.3V Digital Power
Supply Range
Low Power Dissipation
− 49mW Typical (Low Power Mode with
VDD = +3.3V)
− 39mW Typical (Low Power Mode with
VDD = +1.8V)
Power Down Mode
− Less than 50μW total power dissipation
Available in a small TSSOP-16 Package

APPLICATIONS
Digital Wireless Microphones
Battery-Powered Audio Recording and
Processing Equipment

DESCRIPTION
The PCM4201 is designed for digital audio applications
that require a combination of high dynamic range, low
distortion, and low power consumption. The primary
applications for the PCM4201 include digital wireless
microphones and battery-operated audio recording or
processing equipment. The PCM4201 outputs 24-bit
linear PCM audio data at sampling rates up to 108kHz.
Three sampling modes allow the user to trade off power for
performance, dependent upon the intended system
requirements. An on-chip voltage reference reduces the
number of external components needed for operation.
The PCM4201 includes dedicated control pins for
configuration of all programmable functions. The device
requires a +5.0V analog power supply, in addition to a
digital supply operating from +1.8V to +3.3V. The
PCM4201 is available in a small TSSOP-16 package.




Similar Part No. - PCM4201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4201 BURR-BROWN-PCM4201 Datasheet
248Kb / 21P
Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
logo
Texas Instruments
PCM4201 TI1-PCM4201 Datasheet
847Kb / 26P
Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM4201PW BURR-BROWN-PCM4201PW Datasheet
248Kb / 21P
Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
logo
Texas Instruments
PCM4201PW TI1-PCM4201PW Datasheet
847Kb / 26P
Analog-to-Digital Converter
PCM4201PWG4 TI1-PCM4201PWG4 Datasheet
847Kb / 26P
Analog-to-Digital Converter
More results


Similar Description - PCM4201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
Low-Power, 24-Bit Analog-to-Digital Converter
PCM4201 BURR-BROWN-PCM4201 Datasheet
248Kb / 21P
Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
logo
Texas Instruments
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com