Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV05010W Datasheet (PDF) - Texas Instruments

PTV05010W Datasheet PDF - Texas Instruments
Part # PTV05010W
Download  PTV05010W Download
File Size   528.78 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE

PTV05010W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTV05010W Datasheet PDF - Texas Instruments

Part # PTV05010W
Download  PTV05010W Click to download

File Size   528.78 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE

PTV05010W Datasheet (HTML) - Texas Instruments


PTV05010W Product details

1FEATURES
2· Up to 8-A Output Current
· 5-V Input Bus
· Wide-Output Voltage Adjust
(0.8 V to 3.6 V)
· Efficiencies up to 95%
· On/Off Inhibit
· Prebias Start-Up
· Undervoltage Lockout
· Auto-Track™ Sequencing
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Operating Temperature: –40°C to 85°C
· Safety Agency Approvals:
UL/cUL 60950, EN60950 VDE
· POLA™ Compatible

APPLICATIONS
· Multivoltage Digital Systems
· High-Density Logic Circuits
· High-End Computers and Servers
· 5-V Intermediate Bus Architectures

DESCRIPTION
The PTV05010W is a ready-to-use nonisolated power module, and part of a new class of complete dc/dc
switching regulators from Texas Instruments. These regulators combine high performance with double-sided,
surface-mount construction, to give designers the flexibility to power the most complex multiprocessor digital
systems using off-the-shelf catalog parts.
The PTV05010W series is produced in a 8-pin, single in-line pin (SIP) package. The SIP footprint minimizes
board space, and offers an alternate package option for space conscious applications. Operating from a 5-V
input bus, the series provides step-down conversion to a wide range of output voltages, at up to 8 A of output
current. The output voltage can be set to any value over the range, 0.8 V to 3.6 V, using a single external
resistor.
This series includes Auto-Track™. Auto-Track™ simplifies the task of supply-voltage sequencing in a power
system by enabling the output voltage of multiple modules to accurately track each other, or any external voltage,
during power up and power down.
Other operating features include an on/off inhibit, and the ability to start up into an existing output voltage or
prebias. A nonlatching overcurrent trip protects against load faults.
Target applications include complex multivoltage, multiprocessor systems that incorporate the industry's
high-speed microprocessors, bus drivers, and the TMS320™ DSP family.




Similar Part No. - PTV05010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Emerson Network Power
PTV05010WAD EMERSON-NETWORKPOWER-PTV05010WAD Datasheet
224Kb / 4P
DC-DC CONVERTERS
logo
Texas Instruments
PTV05010WAH TI-PTV05010WAH Datasheet
963Kb / 19P
8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Emerson Network Power
PTV05010WAH EMERSON-NETWORKPOWER-PTV05010WAH Datasheet
224Kb / 4P
DC-DC CONVERTERS
More results


Similar Description - PTV05010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com