Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72238 Datasheet (PDF) - Texas Instruments

SM72238 Datasheet PDF - Texas Instruments
Part # SM72238
Download  SM72238 Download
File Size   698.43 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Regulator

SM72238 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72238 Datasheet PDF - Texas Instruments

Part # SM72238
Download  SM72238 Click to download

File Size   698.43 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Regulator

SM72238 Datasheet (HTML) - Texas Instruments


SM72238 Product details

1FEATURES
2• Renewable Energy Grade
• High-Accuracy Output Voltage
• Ensured 100mA Output Current
• Extremely Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Use as Regulator or Reference
• Needs Minimum Capacitance for Stability
• Current and Thermal Limiting
• Stable With Low-ESR Output Capacitors
(10mΩ to 6Ω)

DESCRIPTION
The SM72238 is a micropower voltage regulator with
very low quiescent current (75μA typ.) and very low
dropout voltage (typ. 40mV at light loads and 380mV
at 100mA). It is ideally suited for use in battery-
powered systems. Furthermore, the quiescent current
of the SM72238 increases only slightly in dropout, prolonging battery life.
The SM72238 is available in the surface-mount D-
Pak package.
Careful design of the SM72238 has minimized all
contributions to the error budget. This includes a tight
initial tolerance (.5% typ.), extremely good load and
line regulation (.05% typ.) and a very low output
voltage temperature coefficient, making the part
useful as a low-power voltage reference.




Similar Part No. - SM72238

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238 TI-SM72238 Datasheet
1Mb / 17P
SM72238TD-50
logo
National Semiconductor ...
SM72238TD-3.0 NSC-SM72238TD-3.0 Datasheet
404Kb / 12P
SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.0 TI-SM72238TD-3.0 Datasheet
1Mb / 17P
SM72238TD-50
SM72238TD-3.0/NOPB TI1-SM72238TD-3.0/NOPB Datasheet
1Mb / 17P
Micropower Voltage Regulator
More results


Similar Description - SM72238

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
Adjustable Micropower Voltage Regulator
logo
ON Semiconductor
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
Micropower Voltage Regulator
January, 2009 ??Rev. 10
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
Micropower Voltage Regulator
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com