Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72501 Datasheet (PDF) - Texas Instruments

SM72501 Datasheet PDF - Texas Instruments
Part # SM72501
Download  SM72501 Download
File Size   702.41 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier

SM72501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72501 Datasheet PDF - Texas Instruments

Part # SM72501
Download  SM72501 Click to download

File Size   702.41 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier

SM72501 Datasheet (HTML) - Texas Instruments


SM72501 Product details

1FEATURES
2• Renewable Energy Grade
Unless Otherwise noted, Typical values at
VS = 5V
• Input Offset Voltage ±200 μV (max)
• Input Bias Current ±200 fA
• Input Voltage Noise 9 nV/√Hz
• CMRR 130 dB
• Open Loop Gain 130 dB
• Temperature Range −40°C to 125°C
• Unity Gain Bandwidth 2.5 MHz
• Supply Current (SM72501) 715 μA
• Supply Voltage Range 2.7V to 12V
• Rail-to-rail Input and Output

APPLICATIONS
• High Impedance Sensor Interface
• Battery Powered Instrumentation
• High Gain Amplifiers
• DAC Buffer
• Instrumentation Amplifier
• Active Filters

DESCRIPTION
The SM72501 is a low offset voltage, rail-to-rail input
and output precision amplifier with a CMOS input
stage and a wide supply voltage range. The
SM72501 is ideal for sensor interface and other
instrumentation applications.
The low offset voltage of less than ±200 μV along
with the low input bias current of less than ±1 pA
makes the SM72501 ideal for precision applications.
The SM72501 is built utilizing VIP50 technology,
which allows the combination of a CMOS input stage
and a 12V common mode and supply voltage range.
This makes the SM72501 a great choice in many
applications where conventional CMOS parts cannot
operate under the desired voltage conditions.
The SM72501 has a rail-to-rail input stage that
significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. This is
achieved by trimming both sides of the complimentary
input stage, thereby reducing the difference between
the NMOS and PMOS offsets. The output of the
SM72501 swings within 40 mV of either rail to
maximize the signal dynamic range in applications
requiring low supply voltage.
The SM72501 is offered in the space saving 5-Pin
SOT-23. This small package is an ideal solution for
area constrained PC boards and portable electronics.




Similar Part No. - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
SM72501 TI1-SM72501 Datasheet
1Mb / 28P
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
National Semiconductor ...
SM72501MF NSC-SM72501MF Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
SM72501MF/NOPB TI1-SM72501MF/NOPB Datasheet
1Mb / 28P
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
National Semiconductor ...
SM72501MFE NSC-SM72501MFE Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results


Similar Description - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
SM72501 TI1-SM72501 Datasheet
1Mb / 28P
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com