Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-193X Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-193X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-193X
Download  HCPL-193X Download
File Size   491.52 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL-193X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-193X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-193X
Download  HCPL-193X Click to download

File Size   491.52 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL-193X Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-193X Product details

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottkyclamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/μs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational parameters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1 kV for HCNW2611, HCPL-2611, HCPL-4661, HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
UL recognized - 3750 Vrms for 1 minute and 5000 Vrms*
for 1 minute per UL1577 CSA approved
IEC/EN/DIN EN 60747-5-5 approved with
VIORM = 567 Vpeak for 06xx Option 060
VIORM = 630 Vpeak for 6N137/26xx Option 060
VIORM = 1414 Vpeak for HCNW137/26x1
• MIL-PRF-38534 hermetic version available (HCPL-56xx/66xx)

Applications
• Isolated line receiver
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• Switching power supply
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives
• Isolation of high speed logic systems




Similar Part No. - HCPL-193X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930 Datasheet
742Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-1930-100 HP-HCPL-1930-100 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-1930-200 HP-HCPL-1930-200 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results


Similar Description - HCPL-193X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com