Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC3S200A Datasheet (PDF) - Advanced Micro Devices

XC3S200A Datasheet PDF - Advanced Micro Devices
Part # XC3S200A
Download  XC3S200A Download
File Size   5944.35 Kbytes
Page   132 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Spartan-3A FPGA Family: Data Sheet

XC3S200A Datasheet (PDF)

Go To PDF Page Download Datasheet
XC3S200A Datasheet PDF - Advanced Micro Devices

Part # XC3S200A
Download  XC3S200A Click to download

File Size   5944.35 Kbytes
Page   132 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Spartan-3A FPGA Family: Data Sheet

XC3S200A Datasheet (HTML) - Advanced Micro Devices


XC3S200A Product details

Module 1:
Introduction and Ordering Information
DS529-1 (v2.0) August 19, 2010
• Introduction
• Features
• Architectural and Configuration Overview
• General I/O Capabilities
• Production Status
• Supported Packages and Package Marking
• Ordering Information

Module 2:
Spartan-3A FPGA Family: Functional
Description
DS529-2 (v2.0) August 19, 2010
The functionality of the Spartan®-3A FPGA family is
described in the following documents.
• UG331: Spartan-3 Generation FPGA User Guide
• Clocking Resources
• Digital Clock Managers (DCMs)
• Block RAM
• Configurable Logic Blocks (CLBs)
- Distributed RAM
- SRL16 Shift Registers
- Carry and Arithmetic Logic
• I/O Resources
• Embedded Multiplier Blocks
• Programmable Interconnect
• ISE® Design Tools and IP Cores
• Embedded Processing and Control Solutions
• Pin Types and Package Overview
• Package Drawings
• Powering FPGAs
• Power Management
• UG332: Spartan-3 Generation Configuration User Guide
• Configuration Overview
• Configuration Pins and Behavior
• Bitstream Sizes
• Detailed Descriptions by Mode
- Master Serial Mode using Platform Flash PROM
- Master SPI Mode using Commodity Serial Flash
- Master BPI Mode using Commodity Parallel Flash
- Slave Parallel (SelectMAP) using a Processor
- Slave Serial using a Processor
- JTAG Mode
• ISE iMPACT Programming Examples
• MultiBoot Reconfiguration
• Design Authentication using Device DNA
• UG334: Spartan-3A/3AN FPGA Starter Kit User Guide

Module 3:
DC and Switching Characteristics
DS529-3 (v2.0) August 19, 2010
• DC Electrical Characteristics
• Absolute Maximum Ratings
• Supply Voltage Specifications
• Recommended Operating Conditions
• Switching Characteristics
• I/O Timing
• Configurable Logic Block (CLB) Timing
• Multiplier Timing
• Block RAM Timing
• Digital Clock Manager (DCM) Timing
• Suspend Mode Timing
• Device DNA Timing
• Configuration and JTAG Timing

Module 4:
Pinout Descriptions
DS529-4 (v2.0) August 19, 2010
• Pin Descriptions
• Package Overview
• Pinout Tables
• Footprint Diagrams




Similar Part No. - XC3S200A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
XC3S200AN AMD-XC3S200AN Datasheet
3Mb / 123P
Spartan-3AN FPGA Family Data Sheet
June 12, 2014
XC3S200AN-4FTG256C AMD-XC3S200AN-4FTG256C Datasheet
3Mb / 123P
Spartan-3AN FPGA Family Data Sheet
June 12, 2014
More results


Similar Description - XC3S200A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS001 XILINX-DS001 Datasheet
1,015Kb / 99P
Spartan-II FPGA Family
XC3S50A-4TQG144C XILINX-XC3S50A-4TQG144C Datasheet
5Mb / 132P
Spartan-3A FPGA Family
XC3S200A-4FTG256I XILINX-XC3S200A-4FTG256I Datasheet
5Mb / 132P
Spartan-3A FPGA Family
XC3S50 XILINX-XC3S50_05 Datasheet
1Mb / 198P
Spartan-3 FPGA Family
XC3S50 XILINX-XC3S50_08 Datasheet
5Mb / 216P
Spartan-3 FPGA Family
XC3SD1800A-4FGG676C XILINX-XC3SD1800A-4FGG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
XC3SD3400A-4CSG484I XILINX-XC3SD3400A-4CSG484I Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
XC3SD3400A-4FGG676C XILINX-XC3SD3400A-4FGG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
XCN11019 XILINX-XCN11019 Datasheet
147Kb / 3P
Data Sheet Revisions for Xilinx Automotive (XA) Spartan-3A/-3A DSP FPGA Devices
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com