Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet (PDF) - Linear Technology

LTM4613 Datasheet PDF - Linear Technology
Part # LTM4613_V02
Download  LTM4613 Download
File Size   381.82 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 8A, High Voltage Power µModule Regulator

LTM4613 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4613 Datasheet PDF - Linear Technology

Part # LTM4613_V02
Download  LTM4613 Click to download

File Size   381.82 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 8A, High Voltage Power µModule Regulator

LTM4613 Datasheet (HTML) - Linear Technology


LTM4613 Product details

Description
LTM4613
8A, High Voltage Power
µModule Regulator
Demonstration circuit DC1743A features the LTM®4613EV,
an EN55022 class B certified, high input and output voltage,
high efficiency, switch mode step-down power µModule®
regulator. The input voltage range is from 5V to 36V. The
output voltage is jumper programmable from 3.3V to 12V
with a rated load current of 8A. Derating is necessary
for certain VIN, VOUT, frequency and thermal conditions:
please refer to LTM4613 data sheet for derating curves.
Only input and output capacitors are needed externally.
The DC1743A offers the TRACK/SS pin allowing the user
to program output tracking or soft-start period. Output
PERFORMANCE SUMMARY
Board Photo
voltage margining can also be realized through jumper
position selections.
Higher efficiency at low load currents is achieved by setting
the MODE pin jumper to DCM. The PLL pin is available
to synchronize the LTM4613EV to an external clock. The
LTM4613 data sheet must be read in conjunction with
this demo manual prior to working on or modifying demo
circuit DC1743A.




Similar Part No. - LTM4613_V02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613_V01 Datasheet
637Kb / 30P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
More results


Similar Description - LTM4613_V02

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508 ADMOS-AMS1508 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LTM4608AEV LINER-LTM4608AEV Datasheet
1Mb / 6P
8A Step-Down Power 關Module짰 Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com