Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN64BCT25244 Datasheet (PDF) - Texas Instruments

SN64BCT25244 Datasheet PDF - Texas Instruments
Part # SN64BCT25244
Download  SN64BCT25244 Download
File Size   200.02 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN64BCT25244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN64BCT25244 Datasheet PDF - Texas Instruments

Part # SN64BCT25244
Download  SN64BCT25244 Click to download

File Size   200.02 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN64BCT25244 Datasheet (HTML) - Texas Instruments


SN64BCT25244 Product details

State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
High-Impedance State During Power Up and
Power Down
ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model (C = 200 pF,
R = 0)
Designed to Facilitate Incident-Wave
Switching for Line Impedances of 25 Ω or
Greater
Distributed VCC and GND Pins Minimize
Noise Generated by the Simultaneous
Switching of Outputs
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (NT)

description
The SN64BCT25244 is a 25-Ω octal buffer and line driver designed specifically to improve both the performance
and density of 3-state memory address drivers, clock drivers, and bus-oriented transceivers.
When the output-enable (1OE and 2OE) inputs are low, the device transmits data from the A inputs to the
Y outputs. When 1OE and 2OE are high, the outputs are in the high-impedance state.
This buffer/driver is capable of sinking 188-mA IOL, which facilitates switching 25-Ω transmission lines on the
incident wave. The distributed VCC and GND pins minimize switching noise for more reliable system operation.
The outputs are in a high-impedance state during power up and power down while the supply voltage value is
less than approximately 3 V.
The SN64BCT25244 is characterized for operation from −40°C to 85°C and 0°C to 70°C.




Similar Part No. - SN64BCT25244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244 Datasheet
136Kb / 8P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DW TI-SN64BCT25244DW Datasheet
71Kb / 5P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DW TI1-SN64BCT25244DW Datasheet
136Kb / 8P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DWG4 TI1-SN64BCT25244DWG4 Datasheet
136Kb / 8P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN64BCT25244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244 TI1-SN74F2244_16 Datasheet
517Kb / 11P
25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com