Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1024HGZ Datasheet (PDF) - NXP Semiconductors

TJA1024HGZ Datasheet PDF - NXP Semiconductors
Part # TJA1024HGZ
Download  TJA1024HGZ Download
File Size   203.86 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN 2.2A/SAE J2602 transceiver

TJA1024HGZ Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1024HGZ Datasheet PDF - NXP Semiconductors

Part # TJA1024HGZ
Download  TJA1024HGZ Click to download

File Size   203.86 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN 2.2A/SAE J2602 transceiver

TJA1024HGZ Datasheet (HTML) - NXP Semiconductors


TJA1024HGZ Product details

1. General description
The TJA1024 is a quad LIN transceiver that provides the interface between a Local
Interconnect Network (LIN) master/slave protocol controller and the physical bus in a LIN
network. It comprises two independent and separated dual LIN transceiver blocks on a
single die (only the ground pins GND1 and GND2 are connected internally) with dedicated
supply pins (VBAT1 for LIN 1/LIN2 and VBAT2 for LIN3/LIN4).
The TJA1024 is primarily intended for in-vehicle subnetworks using baud rates up to
20 kBd and is compliant with LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A and SAE J2602. The
TJA1024 is software compatible with the TJA1022, TJA1027 and TJA1029.
The transmit data streams generated by the protocol controller are converted by the
TJA1024 into optimized bus signals shaped to minimize ElectroMagnetic Emissions
(EME). The LIN bus output pins are pulled HIGH via internal termination resistors. For a
master application, an external resistor in series with a diode should be connected
between pin VBATx and the respective LIN pins. The receivers detect receive data streams
on the LIN bus input pins and transfer them via pins RXDx to the microcontroller.
Power consumption is very low when all four transceivers are in Sleep mode. However,
the TJA1024 can still be woken up via pins LINx and SLPx_N.

2. Features and benefits
2.1 General
 Four LIN transceivers in a single package
 LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A and SAE J2602 compliant
 Baud rate up to 20 kBd
 Very low EME
 Very low current consumption in Sleep mode with remote LIN wake-up
 Input levels compatible with 3.3 V and 5 V devices
 Integrated termination resistors for LIN slave applications
 Passive behavior in unpowered state
 Operational during cranking pulse: full operation from 5 V upwards
 Undervoltage detection
 K-line compatible
 Leadless DHVQFN24 package (3.5 mm  5.5 mm) with improved Automated Optical
Inspection (AOI)
 Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
compliant)
 Software-compatible with the TJA1022, TJA1027 and TJA1029

2.2 Protection
 Very high ElectroMagnetic Immunity (EMI)
 Very high ESD robustness: 8 kV according to IEC 61000-4-2 for pins LINx and VBATx
 Bus terminal and battery pins protected against transients in the automotive
environment (ISO 7637)
 Bus terminal short-circuit proof to battery and ground
 Thermally protected
 Initial TXD dominant check when switching to Normal mode
 TXD dominant time-out function




Similar Part No. - TJA1024HGZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results


Similar Description - TJA1024HGZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_13 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
MCP2003 MICROCHIP-MCP2003_14 Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
ELMOS Semiconductor AG
E521.50 ELMOS-E521.50 Datasheet
124Kb / 2P
Quad LIN Transceiver
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
Quad LIN master transceiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com