Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C3221-Q1 Datasheet (PDF) - Texas Instruments

SN65C3221-Q1 Datasheet PDF - Texas Instruments
Part # SN65C3221-Q1
Download  SN65C3221-Q1 Download
File Size   417.74 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER

SN65C3221-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65C3221-Q1 Datasheet PDF - Texas Instruments

Part # SN65C3221-Q1
Download  SN65C3221-Q1 Click to download

File Size   417.74 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER

SN65C3221-Q1 Datasheet (HTML) - Texas Instruments


SN65C3221-Q1 Product details

Qualified for Automotive Applications
Operates With 3-V to 5.5-V VCC Supply
Operates Up To 1 Mbit/s
Low Standby Current . . . 1 μA Typical
External Capacitors . . . 4 × 0.1 μF
Accepts 5-V Logic Input With 3.3-V Supply
RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
Auto-Powerdown Feature Automatically
Disables Drivers for Power Savings
Applications
− Battery-Powered, Hand-Held, and
Portable Equipment
− PDAs and Palmtop PCs
− Notebooks, Sub-Notebooks, and Laptops
− Digital Cameras
− Mobile Phones and Wireless Devices

description/ordering information
The SN65C3221 consists of one line driver, one line receiver, and a dual charge-pump circuit with ±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). This device provides the electrical interface
between an asynchronous communication controller and the serial-port connector. The charge pump and four
small external capacitors allow operation from a single 3-V to 5.5-V supply. This device operates at data
signaling rates up to 1 Mbit/s and a driver output slew rate of 24 V/μs to 150 V/μs.
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal on the receiver input, the driver output is disabled.
If FORCEOFF is set low and EN is high, both the driver and receiver are shut off, and the supply current is
reduced to 1 μA. Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown
condition to occur. Auto-powerdown can be disabled when FORCEON and FORCEOFF are high. With
auto-powerdown enabled, the device is activated automatically when a valid signal is applied to the receiver
input. The INVALID output notifies the user if an RS-232 signal is present at the receiver input. INVALID is high
(valid data) if the receiver input voltage is greater than 2.7 V or less than −2.7 V, or has been between −0.3 V
and 0.3 V for less than 30 μs. INVALID is low (invalid data) if the receiver input voltage is between −0.3 V and
0.3 V for more than 30 μs. See Figure 5 for receiver input levels.




Similar Part No. - SN65C3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221-Q1 TI1-SN65C3221-Q1 Datasheet
271Kb / 15P
3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221-Q1 TI1-SN65C3221-Q1 Datasheet
802Kb / 17P
3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221-Q1 TI2-SN65C3221-Q1 Datasheet
1Mb / 24P
3-V to 5.5-V Single-Channel RS-232 Compatible Line Driver and Receiver
REVISED JULY 2021
SN65C3221-Q1 TI1-SN65C3221-Q1_15 Datasheet
802Kb / 17P
3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Similar Description - SN65C3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221_06 Datasheet
289Kb / 16P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI1-SN65C3221_15 Datasheet
658Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com