Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD21MDREP Datasheet (PDF) - Texas Instruments

SN65HVD21MDREP Datasheet PDF - Texas Instruments
Part # SN65HVD21MDREP
Download  SN65HVD21MDREP Download
File Size   500.76 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description EXTENDED COMMON-MODE RS-485 TRANSCEIVERS

SN65HVD21MDREP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD21MDREP Datasheet PDF - Texas Instruments

Part # SN65HVD21MDREP
Download  SN65HVD21MDREP Click to download

File Size   500.76 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description EXTENDED COMMON-MODE RS-485 TRANSCEIVERS

SN65HVD21MDREP Datasheet (HTML) - Texas Instruments


SN65HVD21MDREP Product details

FEATURES
Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of −55°C
to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Common-Mode Voltage Range (−20 V to 25 V)
More Than Doubles TIA/EIA-485 Requirement
Receiver Equalization Extends Cable Length,
Signaling Rate (HVD23, HVD24)
Reduced Unit-Load for up to 256 Nodes
Bus I/O Protection to Over 16-kV HBM
Failsafe Receiver for Open-Circuit,
Short-Circuit and Idle-Bus Conditions
Low Standby Supply Current 1.5-μA Max
More Than 100 mV Receiver Hysteresis

APPLICATIONS
Long Cable Solutions
− Factory Automation
− Security Networks
− Building HVAC
Severe Electrical Environments
− Electrical Power Inverters
− Industrial Drives
− Avionics

DESCRIPTION
The SN65HVD21M offers performance exceeding typical RS−485 devices. In addition to meeting all
requirements of the TIA/EIA−485−A standard, the HVD2x family operates over an extended range of
common-mode voltage, and has features such as high ESD protection, wide receiver hysteresis, and failsafe
operation. This family of devices is ideally suited for long-cable networks, and other applications where the
environment is too harsh for ordinary transceivers.
The SN65HVD21M is designed for bidirectional data transmission on multipoint twisted-pair cables. Example
applications are digital motor controllers, remote sensors and terminals, industrial process control, security
stations, and environmental control systems.
The SN65HVD21M combines a 3-state differential driver and a differential receiver, which operates from a
single 5-V power supply. The driver differential outputs and the receiver differential inputs are connected
internally to form a differential bus port that offers minimum loading to the bus. This port features an extended
common-mode voltage range making the device suitable for multipoint applications over long cable runs.
The SN65HVD21M allows up to 256 connected nodes at moderate data rates (up to 5 Mbps). The driver output slew
rate is controlled to provide reliable switching with shaped transitions which reduce high-frequency noise emissions.




Similar Part No. - SN65HVD21MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21MDREP TI1-SN65HVD21MDREP Datasheet
617Kb / 21P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21MDREPG4 TI1-SN65HVD21MDREPG4 Datasheet
617Kb / 21P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Similar Description - SN65HVD21MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
Extended Common-Mode RS-485 Transceivers
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
Extended Common-Mode RS-485 Transceivers
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
June 17, 2010
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com