Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD232 Datasheet (PDF) - Texas Instruments

SN65HVD232 Datasheet PDF - Texas Instruments
Part # SN65HVD232
Download  SN65HVD232 Download
File Size   758.63 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x 3.3-V CAN Bus Transceivers

SN65HVD232 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD232 Datasheet PDF - Texas Instruments

Part # SN65HVD232
Download  SN65HVD232 Click to download

File Size   758.63 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x 3.3-V CAN Bus Transceivers

SN65HVD232 Datasheet (HTML) - Texas Instruments


SN65HVD232 Product details

1 Features
1• Operates with a single 3.3 V Supply
• Compatible With ISO 11898-2 Standard
• Low Power Replacement for the PCA82C250
Footprint
• Bus Pin ESD Protection Exceeds ±16 kV HBM
• High Input Impedance Allows for Up to 120 Nodes
on a Bus
• Adjustable Driver Transition Times for Improved
Emissions Performance
– SN65HVD230 and SN65HVD231
• SN65HVD230: Low Current Standby Mode
– 370 μA Typical
• SN65HVD231: Ultra Low Current Sleep Mode
– 40 nA Typical
• Designed for Data Rates(1) up to 1 Mbps
• Thermal Shutdown Protection
• Open Circuit Fail-Safe Design
• Glitch Free Power Up and Power Down Protection
for Hot Plugging Applications

2 Applications
• Industrial Automation, Control, Sensors and Drive
Systems
• Motor and Robotic Control
• Building and Climate Control (HVAC)
• Telecom and Basestation Control and Status
• CAN Bus Standards Such as CANopen,
DeviceNet, and CAN Kingdom

3 Description
The SN65HVD230, SN65HVD231, and SN65HVD232
controller area network (CAN) transceivers are
compatible to the specifications of the ISO 11898-2
High Speed CAN Physical Layer standard
(transceiver). These devices are designed for data
rates up to 1 megabit per second (Mbps), and include
many protection features providing device and CAN
network robustness. The SN65HVD23x transceivers
are designed for use with the Texas Instruments 3.3
V μPs, MCUs and DSPs with CAN controllers, or with
equivalent protocol controller devices. The devices
are intended for use in applications employing the
CAN serial communication physical layer in
accordance with the ISO 11898 standard.




Similar Part No. - SN65HVD232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD232 TI-SN65HVD232 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232 TI-SN65HVD232 Datasheet
1Mb / 147P
TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD232 TI-SN65HVD232 Datasheet
444Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD232 TI-SN65HVD232 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
SN65HVD232 TI1-SN65HVD232 Datasheet
1Mb / 172P
Digital Signal Processors
More results


Similar Description - SN65HVD232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com