Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD10 Datasheet (PDF) - Texas Instruments

SN65HVD10 Datasheet PDF - Texas Instruments
Part # SN65HVD10
Download  SN65HVD10 Download
File Size   568.29 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V RS-485 TRANSCEIVERS

SN65HVD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD10 Datasheet PDF - Texas Instruments

Part # SN65HVD10
Download  SN65HVD10 Click to download

File Size   568.29 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V RS-485 TRANSCEIVERS

SN65HVD10 Datasheet (HTML) - Texas Instruments


SN65HVD10 Product details

1FEATURES
· Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
· Extended Temperature Performance of Up to
–40°C to 125°C and –55°C to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· Operates With a 3.3 V Supply
· Bus-Pin ESD Protection Exceeds 16 kV HBM
· 1/8 Unit-Load Option Available (Up to 256
Nodes on the Bus)
· Optional Driver Output Transition Times for
Signaling Rates of 1 Mbps, 10 Mbps, and
25 Mbps (2)
· Meets or Exceeds the Requirements of ANSI
TIA/EIA-485-A
· Bus-Pin Short Circuit Protection From –7 V to
12 V
· Low-Current Standby Mode . . . 1 μA (Typ)
· Open-Circuit, Idle-Bus, and Shorted-Bus
Failsafe Receiver
· Thermal Shutdown Protection
· Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
· SN75176 Footprint

APPLICATIONS
· Digital Motor Control
· Utility Meters
· Chassis-to-Chassis Interconnects
· Electronic Security Stations
· Industrial Process Control
· Building Automation
· Point-of-Sale (POS) Terminals and Networks

DESCRIPTION/ORDERING INFORMATION
The SN65HVD10, SN65HVD11, and SN65HVD12
combine a 3-state differential line driver and
differential input line receiver that operate with a
single 3.3 V power supply. They are designed for
balanced transmission lines and meet or exceed
ANSI standard TIA/EIA-485-A and ISO 8482:1993.
These differential bus transceivers are monolithic
integrated circuits designed for bidirectional data
communication on multipoint bus-transmission lines.
The drivers and receivers have active-high and
active-low enables respectively, that can be externally
connected together to function as direction control.
Low device standby supply current can be achieved
by disabling the driver and the receiver.
The driver differential outputs and receiver differential
inputs connect internally to form a differential
input/output (I/O) bus port that is designed to offer
minimum loading to the bus whenever the driver is
disabled or VCC = 0. These parts feature wide positive
and negative common-mode voltage ranges, making
them suitable for party-line applications.




Similar Part No. - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
3.3 V RS-485 TRANSCEIVERS
More results


Similar Description - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
3.3 V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
3.3-V RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
3.3-V RS-485 TRANSCEIVER
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
3.3-V RS-485 TRANSCEIVERS
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
3.3-V RS-485 Transceiver
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
3.3 V RS-485 TRANSCEIVERS
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com