Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5882ST Datasheet (PDF) - TT Electronics.

T5882ST Datasheet PDF - TT Electronics.
Part # T5882ST
Download  T5882ST Download
File Size   273.97 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 18VDC 18WATT

T5882ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T5882ST Datasheet PDF - TT Electronics.

Part # T5882ST
Download  T5882ST Click to download

File Size   273.97 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 18VDC 18WATT

T5882ST Datasheet (HTML) - TT Electronics.


T5882ST Product details

Features:
• Interchangeable AC Heads
• 1 Year Warranty
• Level VI Efficiency
• Worldwide Approvals
• Safety approved to: UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our range of 18 Watt Interchangeable wall plug power supplies provide 18 Watts of continuous power with the flexibility of worldwide usage as they are supplied with UK, Euro & USA AC Heads , all Efficiency Level VI and carry worldwide safety approvals.




Similar Part No. - T5882ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T5880ST TTELEC-T5880ST Datasheet
302Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 18WATT
29/09/2021
T5881ST TTELEC-T5881ST Datasheet
302Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 18WATT
29/09/2021
T5883ST TTELEC-T5883ST Datasheet
306Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 24VDC 18WATT
29/09/2021
T5884ST TTELEC-T5884ST Datasheet
307Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 6WATT
29/09/2021
T5885ST TTELEC-T5885ST Datasheet
333Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 9VDC 6WATT
29/09/2021
More results


Similar Description - T5882ST

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com