Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62/13620-01XE Datasheet (PDF) - Texas Instruments

V62/13620-01XE Datasheet PDF - Texas Instruments
Part # V62/13620-01XE
Download  V62/13620-01XE Download
File Size   533.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fault-Protected RS-485 Transceivers With Extended Common-Mode Range

V62/13620-01XE Datasheet (PDF)

Go To PDF Page Download Datasheet
V62/13620-01XE Datasheet PDF - Texas Instruments

Part # V62/13620-01XE
Download  V62/13620-01XE Click to download

File Size   533.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fault-Protected RS-485 Transceivers With Extended Common-Mode Range

V62/13620-01XE Datasheet (HTML) - Texas Instruments


V62/13620-01XE Product details

1FEATURES
• Bus-Pin Fault Protection to > ±70 V
• Common-Mode Voltage Range (–20 V to 25 V)
More Than Doubles TIA/EIA 485 Requirement
• Bus I/O Protection
– ±16 kV JEDEC HBM Protection
• Reduced Unit Load for Up to 256 Nodes
• Failsafe Receiver for Open-Circuit, Short-
Circuit and Idle-Bus Conditions
• Low Power Consumption
– Low Standby Supply Current, 1 μA Typ
– ICC 5 mA Quiescent During Operation
• Power-Up, Power-Down Glitch-Free Operation

APPLICATIONS
• Designed for RS-485 and RS-422 Networks

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The SN65HVD1792 is designed to survive overvoltage faults such as direct shorts to power supplies, mis-wiring
faults, connector failures, cable crushes, and tool mis-applications. It is also robust to ESD events, with high
levels of protection to human-body model specifications.
The SN65HVD1792 combines a differential driver and a differential receiver, which operate from a single power
supply. The SN65HVD1792 is characterized from –40°C to 105°C.




Similar Part No. - V62/13620-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V62/13620-01XE TI1-V62/13620-01XE Datasheet
869Kb / 20P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
V62/13620-01XE-T TI1-V62/13620-01XE-T Datasheet
869Kb / 20P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Similar Description - V62/13620-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
Extended Common-Mode RS-485 Transceivers
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
June 17, 2010
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
June 17, 2010
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
January 18, 2011
logo
Texas Instruments
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com