Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040 Datasheet (PDF) - Texas Instruments

SN65HVD1040 Datasheet PDF - Texas Instruments
Part # SN65HVD1040
Download  SN65HVD1040 Download
File Size   631.65 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP

SN65HVD1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD1040 Datasheet PDF - Texas Instruments

Part # SN65HVD1040
Download  SN65HVD1040 Click to download

File Size   631.65 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP

SN65HVD1040 Datasheet (HTML) - Texas Instruments


SN65HVD1040 Product details

1FEATURES
• Improved Drop-in Replacement for the
TJA1040
• ±12 kV ESD Protection
• Low-Current Standby Mode with Bus Wake-up:
5 μA Typical
• Bus-Fault Protection of –27 V to 40 V
• Rugged Split-Pin Bus Stability
• Dominant Time-Out Function
• Thermal Shutdown Removed
• Power-Up/Down Glitch-Free Bus Inputs and
Outputs
– High Input Impedance with Low VCC
– Monotonic Outputs During Power Cycling
• DeviceNet Vendor ID # 806

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments
• Vibration/Modal Analysis
• Multi-Channel Data Acquisition
• Acoustics/Dynamic Strain Gauges
• Pressure Sensors

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/210°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures. All devices are characterized
and qualified for 1000 hours continuous
operating life at maximum rated temperature.

DESCRIPTION
The SN65HVD1040 meets or exceeds the specifications of the ISO 11898 standard for use in applications
employing a Controller Area Network (CAN). As CAN transceivers, these devices provide differential transmit and
receive capability for a CAN controller at signaling rates of up to 1 megabit per second (Mbps). (2)
Designed for operation in especially harsh environments, the device features ±12 kV ESD protection on the bus
and split pins, cross-wire, overvoltage and loss of ground protection from –27 to 40 V, a –12 V to 12 V commonmode
range, and will withstand voltage transients from –200 V to 200 V according to ISO 7637.
The STB input (pin 8) selects between two different modes of operation; high-speed or low-power mode. The
high-speed mode of operation is selected by connecting STB to ground.
If a high logic level is applied to the STB pin of the SN65HVD1040, the device enters a low-power bus-monitor
standby mode. While the SN65HVD1040 is in the low-power bus-monitor standby mode, a dominant bit greater
than 5 μs on the bus is passed by the bus-monitor circuit to the receiver output. The local protocol controller may
then reactivate the device when it needs to transmit to the bus.
A dominant-time-out circuit in the SN65HVD1040 prevents the driver from blocking network communication
during a hardware or software failure. The time-out circuit is triggered by a falling edge on TXD (pin 1). If no
rising edge is seen before the time-out constant of the circuit expires, the driver is disabled. The circuit is then
reset by the next rising edge on TXD.




Similar Part No. - SN65HVD1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040 TI1-SN65HVD1040 Datasheet
454Kb / 26P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040 TI2-SN65HVD1040 Datasheet
986Kb / 36P
SN65HVD1040-Q1 EMC-Optimized Can Transceiver
REVISED SEPTEMBER 2016
SN65HVD1040 TI2-SN65HVD1040 Datasheet
631Kb / 28P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
REVISED AUGUST 2012
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
More results


Similar Description - SN65HVD1040

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com