Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD233D Datasheet (PDF) - Texas Instruments

SN65HVD233D Datasheet PDF - Texas Instruments
Part # SN65HVD233D
Download  SN65HVD233D Download
File Size   726.7 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x 3.3-V CAN Bus Transceivers

SN65HVD233D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD233D Datasheet PDF - Texas Instruments

Part # SN65HVD233D
Download  SN65HVD233D Click to download

File Size   726.7 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x 3.3-V CAN Bus Transceivers

SN65HVD233D Datasheet (HTML) - Texas Instruments


SN65HVD233D Product details

1 Features
1• Single 3.3-V Supply Voltage
• Bus Pins Fault Protection Exceeds ±36 V
• Bus Pins ESD Protection Exceeds ±16 kV HBM
• Compatible With ISO 11898-2
• GIFT/ICT Compliant
• Data Rates up to 1 Mbps
• Extended –7 V to 12 V Common Mode Range
• High-Input Impedance Allows for 120 Nodes
• LVTTL I/Os are 5-V Tolerant
• Adjustable Driver Transition Times for Improved
Emissions Performance
• Unpowered Node Does Not Disturb the Bus
• Low Current Standby Mode, 200-μA (Typical)
• SN65HVD233: Loopback Mode
• SN65HVD234: Ultra Low Current Sleep Mode
– 50-nA Typical Current Consumption
• SN65HVD235: Autobaud Loopback Mode
• Thermal Shutdown Protection
• Power up and Down With Glitch-Free Bus Inputs
and Outputs
– High-Input Impedance With Low VCC
– Monolithic Output During Power Cycling

2 Applications
• Industrial Automation, Control, Sensors, and Drive
Systems
• Motor and Robotic Control
• Building and Climate Control (HVAC)
• Backplane Communication and Control
• CAN Bus Standards such as CANopen,
DeviceNet, CAN Kingdom, NMEA 2000,
SAE J1939

3 Description
The SN65HVD233, SN65HVD234, and SN65HVD235
are used in applications employing the controller area
network (CAN) serial communication physical layer in
accordance with the ISO 11898 standard. As a CAN
transceiver, each provides transmit and receive
capability between the differential CAN bus and a
CAN controller, with signaling rates up to 1 Mbps.
Designed for operation in especially harsh
environments, the devices feature cross-wire
protection, overvoltage protection up to ±36 V, loss of
ground protection, overtemperature (thermal
shutdown) protection, and common-mode transient
protection of ±100 V. These devices operate over a
wide –7 V to 12 V common-mode range. These
transceivers are the interface between the host CAN
controller on the microprocessor and the differential
CAN bus used in industrial, building automation,
transportation, and automotive applications.




Similar Part No. - SN65HVD233D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233D TI-SN65HVD233D Datasheet
345Kb / 27P
3.3-V CAN TRANSCEIVERS
SN65HVD233D TI-SN65HVD233D Datasheet
468Kb / 26P
3.3-V CAN TRANSCEIVERS
SN65HVD233D TI1-SN65HVD233D Datasheet
615Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD233D TI-SN65HVD233D Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD233D TI-SN65HVD233D Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
More results


Similar Description - SN65HVD233D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com