Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23PWR Datasheet (PDF) - Texas Instruments

SN65LVCP23PWR Datasheet PDF - Texas Instruments
Part # SN65LVCP23PWR
Download  SN65LVCP23PWR Download
File Size   591.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2x2 LVPECL CROSSPOINT SWITCH

SN65LVCP23PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVCP23PWR Datasheet PDF - Texas Instruments

Part # SN65LVCP23PWR
Download  SN65LVCP23PWR Click to download

File Size   591.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2x2 LVPECL CROSSPOINT SWITCH

SN65LVCP23PWR Datasheet (HTML) - Texas Instruments


SN65LVCP23PWR Product details

FEATURES
· High Speed 2x2 LVPECL Crosspoint Switch
· LVDS Crosspoint Switch Available in
SN65LVCP22
· 50 ps (Typ), of Peak-to-Peak Jitter With
PRBS = 223– 1 Pattern
· Output (Channel-to-Channel) Skew Is 10 ps
(Typ), 50 ps (Max)
· Configurable as 2:1 Mux, 1:2 Demux,
Repeater or 1:2 Signal Splitter
· Inputs Accept LVDS, LVPECL, and CML
Signals
· Fast Switch Time of 1.7 ns (Typ)
· Fast Propagation Delay of 0.75 ns (Typ)
· 16 Lead SOIC and TSSOP Packages
· Operating Temperature: –40°C to 85°C

APPLICATIONS
· Gigabit Ethernet Redundant Transmission
Paths
· Gigabit Interface Converters (GBICs)
· Fibre Channel Redundant Transmission
Paths
· HDTV Video Routing
· Base Stations
· Protection Switching for Serial Backplanes
· Network Switches/Routers
· Optical Networking Line Cards/Switches
· Clock Distribution

DESCRIPTION
The SN65LVCP23 is a 2x2 LVPECL crosspoint
switch. The dual channels incorporate wide
common-mode (0 V to 4 V) receivers, allowing for
the receipt of LVDS, LVPECL, and CML signals. The dual outputs are LVPECL drivers to provide
high-speed operation. The SN65LVCP23 provides a
single device supporting 2:2 buffering (repeating),
1:2 splitting, 2:1 multiplexing, 2x2 switching, and
LVDS/CML to LVPECL level translation on each
channel. The flexible operation of the SN65LVCP23
provides a single device to support the redundant
serial bus transmission needs (working and
protection switching cards) of fault-tolerant switch
systems found in optical networking, wireless
infrastructure, and data communications systems. TI
offers an additional gigabit repeater/translator in the
SN65LVDS101.
The SN65LVCP23 uses a fully differential data path
to ensure low-noise generation, fast switching times,
low pulse width distortion, and low jitter. Output
channel-to-channel skew is less than 10 ps (typ) and
50 ps (max) to ensure accurate alignment of outputs
in all applications. Both SOIC and TSSOP package
options are available.




Similar Part No. - SN65LVCP23PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWRG4 TI-SN65LVCP23PWRG4 Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
More results


Similar Description - SN65LVCP23PWR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
Gigabit 2x2 CROSSPOINT SWITCH
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
2x2 LVPECL CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com