Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP22D Datasheet (PDF) - Texas Instruments

SN65LVCP22D Datasheet PDF - Texas Instruments
Part # SN65LVCP22D
Download  SN65LVCP22D Download
File Size   624.06 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2x2 LVDS CROSSPOINT SWITCH

SN65LVCP22D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVCP22D Datasheet PDF - Texas Instruments

Part # SN65LVCP22D
Download  SN65LVCP22D Click to download

File Size   624.06 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2x2 LVDS CROSSPOINT SWITCH

SN65LVCP22D Datasheet (HTML) - Texas Instruments


SN65LVCP22D Product details

FEATURES
· High Speed (>1000 Mbps) Upgrade for
DS90CP22 2x2 LVDS Crosspoint Switch
· LVPECL Crosspoint Switch Available in
SN65LVCP23
· Low-Jitter Fully Differential Data Path
· 50 ps (Typ), of Peak-to-Peak Jitter With PRBS
= 223–1 Pattern
· Less Than 200 mW (Typ), 300 mW (Max) Total
Power Dissipation
· Output (Channel-to-Channel) Skew Is 10 ps
(Typ), 50 ps (Max)
· Configurable as 2:1 Mux, 1:2 Demux, Repeater
or 1:2 Signal Splitter
· Inputs Accept LVDS, LVPECL, and CML
Signals
· Fast Switch Time of 1.7 ns (Typ)
· Fast Propagation Delay of 0.65 ns (Typ)
· 16 Lead SOIC and TSSOP Packages
· Inter-Operates With TIA/EIA-644-A LVDS
Standard
· Operating Temperature: –40°C to 85°C

APPLICATIONS
· Base Stations
· Add/Drop Muxes
· Protection Switching for Serial Backplanes
· Network Switches/Routers
· Optical Networking Line Cards/Switches
· Clock Distribution

DESCRIPTION
The SN65LVCP22 is a 2´2 crosspoint switch
providing greater than 1000 Mbps operation for each
path. The dual channels incorporate wide
common-mode (0 V to 4 V) receivers, allowing for the
receipt of LVDS, LVPECL, and CML signals. The
dual outputs are LVDS drivers to provide low-power,
low-EMI, high-speed operation. The SN65LVCP22
provides a single device supporting 2:2 buffering
(repeating), 1:2 splitting, 2:1 multiplexing, 2´2
switching, and LVPECL/CML to LVDS level
translation on each channel. The flexible operation of
the SN65LVCP22 provides a single device to support
the redundant serial bus transmission needs (working
and protection switching cards) of fault-tolerant switch
systems found in optical networking, wireless
infrastructure, and data commu- nications systems. TI offers additional gigibit repeater/ translator and
crosspoint products in the SN65LVDS100 and
SN65LVDS122.
The SN65LVCP22 uses a fully differential data path
to ensure low-noise generation, fast switching times,
low pulse width distortion, and low jitter. Output
channel-to- channel skew is less than 10 ps (typ) and
50 ps (max) to ensure accurate alignment of outputs
in all applications. Both SOIC and TSSOP package
options are available to allow easy upgrade for
existing solutions, and board area savings where
space is critical.




Similar Part No. - SN65LVCP22D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22D TI-SN65LVCP22D Datasheet
472Kb / 17P
2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22D TI-SN65LVCP22D Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DG4 TI-SN65LVCP22DG4 Datasheet
472Kb / 17P
2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22DG4 TI-SN65LVCP22DG4 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DR TI-SN65LVCP22DR Datasheet
472Kb / 17P
2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
More results


Similar Description - SN65LVCP22D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com