Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS22 Datasheet (PDF) - Texas Instruments

SN65LVDS22 Datasheet PDF - Texas Instruments
Part # SN65LVDS22
Download  SN65LVDS22 Download
File Size   264.13 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MULTIPLEXED LVDS REPEATERS

SN65LVDS22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDS22 Datasheet PDF - Texas Instruments

Part # SN65LVDS22
Download  SN65LVDS22 Click to download

File Size   264.13 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MULTIPLEXED LVDS REPEATERS

SN65LVDS22 Datasheet (HTML) - Texas Instruments


SN65LVDS22 Product details

FEATURES
· Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995 Standard
· Designed for Clock Rates up to 200 MHz
(400 Mbps)
· Designed for Data Rates up to 250 Mbps
· Pin Compatible With SN65LVDS122 and
SN65LVDT122, 1.5 Gbps 2x2 Crosspoint
Switch From TI
· ESD Protection Exceeds 12 kV on Bus Pins
· Operates From a Single 3.3-V Supply
· Low-Voltage Differential Signaling With
Output Voltages of 350 mV Into:
– 100-W Load (SN65LVDS22)
– 50-W Load (SN65LVDM22)
· Propagation Delay Time; 4 ns Typ
· Power Dissipation at 400 Mbps of 150 mW
· Bus Pins Are High Impedance When Disabled
or With VCC Less Than 1.5 V
· LVTTL Levels Are 5 V Tolerant
· Open-Circuit Fail Safe Receiver

DESCRIPTION
The SN65LVDS22 and SN65LVDM22 are differential
line drivers and receivers that use low-voltage
differential signaling (LVDS) to achieve signaling
rates as high as 400 Mbps. The receiver outputs can
be switched to either or both drivers through the
multiplexer control signals S0 and S1. This allows the
flexibility to perform splitter or signal routing functions
with a single device.
The TIA/EIA-644 standard compliant electrical
interface provides a minimum differential output
voltage magnitude of 247 mV into a 100-W load and
receipt of 100 mV signals with up to 1 V of ground
potential difference between a transmitter and
receiver. The SN65LVDM22 doubles the output drive
current to achieve LVDS levels with a 50-W load.




Similar Part No. - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
414Kb / 24P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
204Kb / 14P
DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22 TI2-SN65LVDS22 Datasheet
749Kb / 42P
SN65LVDS10x 4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
REVISED DECEMBER 2015
SN65LVDS22D TI-SN65LVDS22D Datasheet
188Kb / 13P
DUAL MULTIPLEXED LVDS REPEATERS
More results


Similar Description - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
DUAL MULTIPLEXED LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
4-port lvds and 4-port TTL-to LVDS repeaters
14-Mar-2006
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22_07 Datasheet
204Kb / 14P
DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
logo
Fairchild Semiconductor
AN-5045 FAIRCHILD-AN-5045 Datasheet
50Kb / 2P
High Speed LVDS Repeaters
logo
Texas Instruments
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com