Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVEL11DR.B Datasheet (PDF) - Texas Instruments

SN65LVEL11DR.B Datasheet PDF - Texas Instruments
Part # SN65LVEL11DR.B
Download  SN65LVEL11DR.B Download
File Size   561.56 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V ECL 1:2 Fanout Buffer

SN65LVEL11DR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVEL11DR.B Datasheet PDF - Texas Instruments

Part # SN65LVEL11DR.B
Download  SN65LVEL11DR.B Click to download

File Size   561.56 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V ECL 1:2 Fanout Buffer

SN65LVEL11DR.B Datasheet (HTML) - Texas Instruments


SN65LVEL11DR.B Product details

1FEATURES
· 1:2 ECL Fanout Buffer
· Operating Range
– PECL VCC = 3.0 V to 3.8 V With
V EE = 0 V
– NECL: VCC = 0 V with VEE = –3.0
to –3.8V
· 5 ps Skew Between Outputs
· Support for Clock Frequencies > 2.0 GHz
· 265 ps Typical Propagation Delay
· Deterministic Output Value for Open Input
Conditions or When Inputs = VEE
· Built-in Temperature Compensation
· Drop in Compatible to MC10LVEL11,
MC100LVEL11
· Built-In Input Pull Down Resistors

APPLICATIONS
· Data and Clock Transmission Over Backplane
· Signaling Level Conversion

DESCRIPTION
The SN65LVEL11 is a fully differential 1:2 ECL fanout
buffer. The device includes circuitry to maintain a
known logic level when inputs are in open condition.
The SN65LVEL11 is functionally equivalent to
SN65EL11 with improved performance. The
SN65LVEL11 is housed in an industry standard
SOIC-8 package and is also available in the
TSSOP-8 package option.




Similar Part No. - SN65LVEL11DR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEL11DR TI-SN65LVEL11DR Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11DR TI-SN65LVEL11DR Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11DR TI-SN65LVEL11DR Datasheet
404Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11DR TI-SN65LVEL11DR Datasheet
460Kb / 13P
3.3 V ECL 1:2 Fanout Buffer
More results


Similar Description - SN65LVEL11DR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com