Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVEP11DR Datasheet (PDF) - Texas Instruments

SN65LVEP11DR Datasheet PDF - Texas Instruments
Part # SN65LVEP11DR
Download  SN65LVEP11DR Download
File Size   563.47 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer

SN65LVEP11DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVEP11DR Datasheet PDF - Texas Instruments

Part # SN65LVEP11DR
Download  SN65LVEP11DR Click to download

File Size   563.47 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer

SN65LVEP11DR Datasheet (HTML) - Texas Instruments


SN65LVEP11DR Product details

1FEATURES
· 1:2 PECL/ECL Fanout Buffer
· Operating Range
– PECL: VCC = 2.375 V to 3.8V With VEE = 0 V
– NECL: VCC = 0 V With VEE = –2.375V to
–3.8 V
· Open Input Default State
· Support for Clock Frequencies > 3.0 GHz
· 240 ps Typical Propagation Delay
· Deterministic Output Value for Open Input
Conditions
· Q Output Will Default Low When Input Open or
at VEE
· Built-in Temperature Compensation
· Drop in Compatible to MC10LVEP11,
MC100LVEP11
· LVDS Input Compatible

DESCRIPTION
The SN65LVEP11 is a differential 1:2 PECL/ECL
fanout buffer. The device includes circuitry to
maintain known logic levels when the inputs are in an
open condition. Single-ended clock input operation is
limited to VCC ≥ 3 V in PECL mode, or VEE ≤ 3 V in
NECL mode. The device is housed in an
industry-standard SOIC-8 package and is also
available in TSSOP-8 package option.




Similar Part No. - SN65LVEP11DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEP11DR TI-SN65LVEP11DR Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11DR TI-SN65LVEP11DR Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11DR TI-SN65LVEP11DR Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
More results


Similar Description - SN65LVEP11DR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
logo
Texas Instruments
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com