Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS348 Datasheet (PDF) - Texas Instruments

SN65LVDS348 Datasheet PDF - Texas Instruments
Part # SN65LVDS348
Download  SN65LVDS348 Download
File Size   740.2 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS

SN65LVDS348 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDS348 Datasheet PDF - Texas Instruments

Part # SN65LVDS348
Download  SN65LVDS348 Click to download

File Size   740.2 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS

SN65LVDS348 Datasheet (HTML) - Texas Instruments


SN65LVDS348 Product details

FEATURES
· Meets or Exceeds the Requirements of ANSI
TIA/EIA-644A Standard
· Single-Channel Signaling Rates up to
560 Mbps
· -4 V to 5 V Common-Mode Input Voltage
Range
· Flow-Through Architecture
· Active Failsafe Assures a High-level Output
When an Input Signal Is not Present
· SN65LVDS348 Provides a Wide Common-
Mode Range Replacement for the
SN65LVDS048A or the DS90LV048A

APPLICATIONS
· Logic Level Translator
· Point-to-Point Baseband Data Transmission
Over 100-W Media
· ECL/PECL-to-LVTTL Conversion
· Wireless Base Stations
· Central Office or PABX Switches

DESCRIPTION
The SN65LVDS348, SN65LVDT348,
SN65LVDS352, and SN65LVDT352 are high-speed,
quadruple differential receivers with a wide
common-mode input voltage range. This allows
receipt of TIA/EIA-644 signals with up to 3-V of
ground noise or a variety of differential and
single-ended logic levels. The '348 is in a 16-pin
package to match the industry-standard footprint of
the DS90LV048. The '352 adds two additional VCC
and GND pins in a 24-pin package to provide higher
data transfer rates with multiple receivers in
operation. All offer a flow-through architecture with all
inputs on one side and outputs on the other to ease
board layout and reduce crosstalk between
receivers. LVDT versions of both integrate a 110-W
line termination resistor.
These receivers also provide 3x the standard's
minimum common-mode noise voltage tolerance.
The -4 V to 5 V common-mode range allows usage
in harsh operating environments or accepts LVPECL,
PECL, LVECL, ECL, CMOS, and LVCMOS levels
without level shifting circuitry. See the Application
Information Section for more details on the
ECL/PECL to LVDS interface.




Similar Part No. - SN65LVDS348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348 TI-SN65LVDS348 Datasheet
306Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI1-SN65LVDS348 Datasheet
874Kb / 28P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486 TI-SN65LVDS3486 Datasheet
916Kb / 37P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS3486 TI-SN65LVDS3486 Datasheet
1,017Kb / 31P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Similar Description - SN65LVDS348

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
HIGH SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI1-SN65LVDS348_15 Datasheet
874Kb / 28P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com